Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM71 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM71
Description  SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM71 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM71 Datasheet HTML 1Page - National Semiconductor (TI) LM71 Datasheet HTML 2Page - National Semiconductor (TI) LM71 Datasheet HTML 3Page - National Semiconductor (TI) LM71 Datasheet HTML 4Page - National Semiconductor (TI) LM71 Datasheet HTML 5Page - National Semiconductor (TI) LM71 Datasheet HTML 6Page - National Semiconductor (TI) LM71 Datasheet HTML 7Page - National Semiconductor (TI) LM71 Datasheet HTML 8Page - National Semiconductor (TI) LM71 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM71
SPI/MICROWIRE™ 13-Bit Plus Sign Temperature Sensor
General Description
The LM71 is a low-power, high-resolution digital temperature
sensor with an SPI and MICROWIRE compatible interface,
available in the 5-pin SOT23 or the 6-pin LLP (no pull back)
package. The host can query the LM71 at any time to read
temperature. Its low operating current is useful in systems
where low power consumption is critical.
The LM71 has 13-bit plus sign temperature resolution
(0.03125˚C per LSB) while operating over a temperature
range of −40˚C to +150˚C.
The LM71’s 2.65V to 5.5V supply voltage range, fast con-
version rate, low supply current, and simple SPI interface
make it ideal for a wide range of applications.
Applications
n
System Thermal Management
n
Personal Computers
n
Portable Electronic Devices
n
Disk Drives
n
Office Electronics
n
Electronic Test Equipment
n
Vending Machines
Features
n
SOT23-5 or No-Pull-Back LLP-6 Packages
n
Operates over a full −40˚C to +150˚C range
n
SPI and MICROWIRE Bus interface
Key Specifications
j Supply Voltage
2.65V to 5.5V
j Supply Current
operating
300 µA (typ)
550 µA (max)
j Temperature
Accuracy
−10˚C to +65˚C
±1.5˚C (max)
−40˚C to 150˚C
+3/− 2˚C (max)
j Temperature
Resolution
31.25 m˚C
Simplified Block Diagram
20031701
MICROWIRE™ is a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
March 2004
© 2004 National Semiconductor Corporation
DS200317
www.national.com


Similar Part No. - LM71

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM71 TI-LM71 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM71 TI2-LM71 Datasheet
760Kb / 21P
LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
REVISED AUGUST 2018
LM71-Q1 TI-LM71-Q1 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM71-Q1 TI2-LM71-Q1 Datasheet
760Kb / 21P
LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
REVISED AUGUST 2018
More results

Similar Description - LM71

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM74A NSC-LM74A Datasheet
605Kb / 12P
SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM71 TI-LM71_15 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com