Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM71 Datasheet (PDF) - Texas Instruments

LM71 Datasheet PDF - Texas Instruments
Part # LM71
Download  LM71 Download
File Size   760.85 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor

LM71 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM71 Datasheet PDF - Texas Instruments

Part # LM71
Download  LM71 Click to download

File Size   760.85 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor

LM71 Datasheet (HTML) - Texas Instruments


LM71 Product details

1 Features
1• LM71Q is AEC-Q100 Grade 0 Qualified and is
Manufactured on an Automotive Grade Flow
• 5-Pin SOT-23 Package or 6-Pin No-Pull-Back
WSON Package
• Operates Over a Full −40°C to +150°C Range
• SPI and MICROWIRE Bus Interface
• Key Specifications:
– Supply Voltage: 2.65V to 5.5V
– Supply Current
– Operating: 300 μA (typ)
– 550 μA (max)
– Temperature Accuracy
– −10°C to +65°C: ±1.5°C (max)
– −40°C to 150°C: +3/− 2°C (max)
– Temperature Resolution: 31.25 m°C

2 Applications
• System Thermal Management
• Personal Computers
• Portable Electronic Devices
• Disk Drives
• Office Electronics
• Electronic Test Equipment
• Vending Machines
• Automotive

3 Description
The LM71 is a low-power, high-resolution digital
temperature sensor with an SPI and MICROWIRE
compatible interface, available in the 5-pin SOT-23 or
the 6-pin WSON (no pull back) package. The host
can query the LM71 at any time to read temperature.
Its low operating current is useful in systems where
low power consumption is critical.
The LM71 has 13-bit plus sign temperature resolution
(0.03125°C per LSB) while operating over a
temperature range of −40°C to +150°C.
The LM71’s 2.65V to 5.5V supply voltage range, fast
conversion rate, low supply current, and simple SPI
interface make it ideal for a wide range of
applications. The LM71Q is available in the 5-lead
SOT-23 package only.




Similar Part No. - LM71

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM71 NSC-LM71 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM71 TI-LM71 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM71-Q1 TI-LM71-Q1 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM710 NSC-LM710 Datasheet
115Kb / 10P
Voltage Comparator
More results


Similar Description - LM71

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM71 TI-LM71_15 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com