Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM71 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM71
Description  LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM71 Datasheet(HTML) 3 Page - Texas Instruments

  LM71 Datasheet HTML 1Page - Texas Instruments LM71 Datasheet HTML 2Page - Texas Instruments LM71 Datasheet HTML 3Page - Texas Instruments LM71 Datasheet HTML 4Page - Texas Instruments LM71 Datasheet HTML 5Page - Texas Instruments LM71 Datasheet HTML 6Page - Texas Instruments LM71 Datasheet HTML 7Page - Texas Instruments LM71 Datasheet HTML 8Page - Texas Instruments LM71 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
LM71, LM71-Q1
www.ti.com
SNIS125E – MARCH 2004 – REVISED AUGUST 2018
Product Folder Links: LM71 LM71-Q1
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to 5
mA.
(3)
Human body model, 100 pF discharged through a 1.5 kΩ resistor. Machine model, 200 pF discharged directly into each pin.
4 Absolute Maximum Ratings
(1)
Supply Voltage
−0.3V to 6.0V
Voltage at any Pin
−0.3V to V+ + 0.3V
Input Current at any Pin(2)
5 mA
Storage Temperature
−65°C to +150°C
Soldering Information, Lead Temperature
SOT-23-5 Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
WSON-6 Package
Infrared (5 seconds)
215°C
ESD Susceptibility(3)
Human Body Model
2000V
Machine Model
200V
(1)
The life expectancy of the LM71 will be reduced when operating at elevated temperatures. LM71 θJA (thermal resistance, junction-to-
ambient) when attached to a printed circuit board with 2 oz. foil is summarized in the table below:
5 Operating Ratings
Specified Temperature Range(1) (TMIN to TMAX)
LM71CIMF, LM71CISD, LM71QCIMF
−40°C to +150°C
Supply Voltage Range (+VS)
LM71CIMF, LM71CISD, LM71QCIMF
+2.65V to +5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com