Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM71 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM71
Description  LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM71 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM71 Datasheet HTML 4Page - Texas Instruments LM71 Datasheet HTML 5Page - Texas Instruments LM71 Datasheet HTML 6Page - Texas Instruments LM71 Datasheet HTML 7Page - Texas Instruments LM71 Datasheet HTML 8Page - Texas Instruments LM71 Datasheet HTML 9Page - Texas Instruments LM71 Datasheet HTML 10Page - Texas Instruments LM71 Datasheet HTML 11Page - Texas Instruments LM71 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
LM71, LM71-Q1
SNIS125E – MARCH 2004 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: LM71 LM71-Q1
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
9 Functional Description
The LM71 temperature sensor incorporates a temperature sensor and 13-bit plus sign ΔΣ ADC (Delta-Sigma
Analog-to-Digital Converter). Compatibility of the LM71's three wire serial interface with SPI and MICROWIRE
allows simple communications with common microcontrollers and processors. Shutdown mode can be used to
optimize current drain for different applications. A Manufacture's/Device ID register identifies the LM71 as TI
product.
9.1 POWER UP AND POWER DOWN
The LM71 always powers up in a known state. The power up default condition is continuous conversion mode.
Immediately after power up the LM71 will output an erroneous code until the first temperature conversion has
completed.
When the supply voltage is less than about 1.6V (typical), the LM71 is considered powered down. As the supply
voltage rises above the nominal 1.6V power up threshold, the internal registers are reset to the power up default
state described above.
9.2 SERIAL BUS INTERFACE
The LM71 operates as a slave and is compatible with SPI or MICROWIRE bus specifications. Data is clocked
out on the falling edge of the serial clock (SC), while data is clocked in on the rising edge of SC. A complete
transmit/receive communication will consist of 32 serial clocks. The first 16 clocks comprise the transmit phase of
communication, while the second 16 clocks are the receive phase.
When CS is high SI/O will be in TRI-STATE. Communication should be initiated by taking chip select (CS) low.
This should not be done when SC is changing from a low to high state. Once CS is low the serial I/O pin (SI/O)
will transmit the first bit of data. The master can then read this bit with the rising edge of SC. The remainder of
the data will be clocked out by the falling edge of SC. CS can be taken high at any time during the transmit
phase. If CS is brought low in the middle of a conversion the LM71 will complete the conversion and the output
shift register will be updated after CS is brought back high.
The receive phase of a communication starts after 16 SC periods. CS can remain low for 32 SC cycles. The
LM71 will read the data available on the SI/O line on the rising edge of the serial clock. Input data is to an 8-bit
shift register. The part will detect the last eight bits shifted into the register. The receive phase can last up to 16
SC periods. All ones must be shifted in order to place the part into shutdown. All zeros must be shifted in order to
place the LM71 into continuous conversion mode. Only the following codes should be transmitted to the LM71:
•
00 hex for continuous conversion
•
FF hex for shutdown
Another code may place the part into a test mode. Test modes are used by TI to thoroughly test the function of
the LM71 during production testing. Only eight bits have been defined above since only the last eight transmitted
are detected by the LM71, before CS is taken HIGH.
The following communication can be used to determine the Manufacturer's/Device ID and then immediately place
the part into continuous conversion mode. With CS continuously low:
•
Read 16 bits of temperature data
•
Write 16 bits of data commanding shutdown
•
Read 16 bits of Manufacture's/Device ID data
•
Write 8 to 16 bits of data commanding Conversion Mode
•
Take CS HIGH.
Note that 300 ms will have to pass for a conversion to complete before the LM71 actually transmits temperature
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com