Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA044-E/MS Datasheet(PDF) 3 Page - Microchip Technology

Part # 24AA044-E/MS
Description  4K I2C??Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA044-E/MS Datasheet(HTML) 3 Page - Microchip Technology

  24AA044-E/MS Datasheet HTML 1Page - Microchip Technology 24AA044-E/MS Datasheet HTML 2Page - Microchip Technology 24AA044-E/MS Datasheet HTML 3Page - Microchip Technology 24AA044-E/MS Datasheet HTML 4Page - Microchip Technology 24AA044-E/MS Datasheet HTML 5Page - Microchip Technology 24AA044-E/MS Datasheet HTML 6Page - Microchip Technology 24AA044-E/MS Datasheet HTML 7Page - Microchip Technology 24AA044-E/MS Datasheet HTML 8Page - Microchip Technology 24AA044-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005286A-page 3
24AA044
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C, VCC = +1.7V to +5.5V
Automotive (E): TA = -40°C to +125°C, VCC = +1.7V to +5.5V
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock frequency
—
—
—
100
400
1000
kHz
1.7V
 VCC < 1.8V
1.8V
 VCC < 2.2V
2.2V
 VCC < 5.5V
2THIGH
Clock high time
4000
600
500
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC < 2.2V
2.2V
 VCC < 5.5V
3TLOW
Clock low time
4700
1300
500
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC < 2.2V
2.2V
 VCC < 5.5V
4TR
SDA and SCL rise time (Note 1)
—
—
—
1000
300
300
ns
1.7V
 VCC < 1.8V
1.8V
 VCC < 2.2V
2.2V
 VCC < 5.5V
5TF
SDA and SCL fall time (Note 1)
—
—
—
300
300
100
ns
1.7V
 VCC < 1.8V
1.8V
 VCC < 2.2V
2.2V
 VCC < 5.5V
6THD:STA
Start condition hold time
4000
600
250
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC < 2.2V
2.2V
 VCC < 5.5V
7TSU:STA
Start condition setup time
4700
600
250
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC < 2.2V
2.2V
 VCC < 5.5V
8THD:DAT
Data input hold time
0
—
ns
(Note 2)
9TSU:DAT
Data input setup time
250
100
100
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC < 2.2V
2.2V
 VCC < 5.5V
10
TSU:STO
Stop condition setup time
4000
600
250
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC < 2.2V
2.2V
 VCC < 5.5V
11
TSU:WP
WP setup time
4000
600
600
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC < 2.2V
2.2V
 VCC < 5.5V
12
THD:WP
WP hold time
4700
1300
1300
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC < 2.2V
2.2V
 VCC < 5.5V
13
TAA
Output valid from clock (Note 2)
—
—
—
3500
900
400
ns
1.7V
 VCC < 1.8V
1.8V
 VCC < 2.2V
2.2V
 VCC < 5.5V
14
TBUF
Bus free time: Time the bus must
be free before a new transmission
can start
4700
1300
500
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC < 2.2V
2.2V
 VCC < 5.5V
15
TSP
Input filter spike suppression
(SDA and SCL pins)
—50
ns
(Note 1)
16
TWC
Write cycle time (byte or page)
—
5
ms
—
17
—
Endurance
1M
—
cycles
Page mode, 25°C, VCC = 5.5V
(Note 3)
Note 1: Not 100% tested.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum
200 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please
consult the Total Endurance™ Model which can be obtained from Microchip’s web site at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com