Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA044-E/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # 24AA044-E/MS
Description  4K I2C??Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA044-E/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24AA044-E/MS Datasheet HTML 10Page - Microchip Technology 24AA044-E/MS Datasheet HTML 11Page - Microchip Technology 24AA044-E/MS Datasheet HTML 12Page - Microchip Technology 24AA044-E/MS Datasheet HTML 13Page - Microchip Technology 24AA044-E/MS Datasheet HTML 14Page - Microchip Technology 24AA044-E/MS Datasheet HTML 15Page - Microchip Technology 24AA044-E/MS Datasheet HTML 16Page - Microchip Technology 24AA044-E/MS Datasheet HTML 17Page - Microchip Technology 24AA044-E/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
24AA044
DS20005286A-page 14
 2014 Microchip Technology Inc.
B
A
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing No. C04-018D Sheet 1 of 2
8-Lead Plastic Dual In-Line (P) - 300 mil Body [PDIP]
eB
E
A
A1
A2
L
8X b
8X b1
D
E1
c
C
PLANE
.010
C
12
N
NOTE 1
TOP VIEW
END VIEW
SIDE VIEW
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com