Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC256E/ST Datasheet(PDF) 29 Page - Microchip Technology

Part # 25LC256E/ST
Description  256K SPI Bus Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC256E/ST Datasheet(HTML) 29 Page - Microchip Technology

Back Button 25LC256E/ST Datasheet HTML 24Page - Microchip Technology 25LC256E/ST Datasheet HTML 25Page - Microchip Technology 25LC256E/ST Datasheet HTML 26Page - Microchip Technology 25LC256E/ST Datasheet HTML 27Page - Microchip Technology 25LC256E/ST Datasheet HTML 28Page - Microchip Technology 25LC256E/ST Datasheet HTML 29Page - Microchip Technology 25LC256E/ST Datasheet HTML 30Page - Microchip Technology 25LC256E/ST Datasheet HTML 31Page - Microchip Technology 25LC256E/ST Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2003-2013 Microchip Technology Inc.
DS21822G-page 29
25AA256/25LC256
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Tape & Reel
Device
Device:
25AA256
25LC256
25AA256X
25LC256X
256k-bit, 1.8V, 64-Byte Page, SPI Serial EEPROM
256k-bit, 2.5V, 64-Byte Page, SPI Serial EEPROM
256k-bit, 1.8V, 64-Byte Page, SPI Serial EEPROM,
rotated pinout (ST only)
256k-bit, 2.5V, 64-Byte Page, SPI Serial EEPROM,
rotated pinout (ST only)
Tape & Reel:
Blank =
T=
Standard packaging (tube)
Tape & Reel
Temperature
Range:
I=
E=
-40
C to+85C
-40
C to+125C
Package:
MF
=
P=
SN
=
ST
=
SM
=
Micro Lead Frame (6 x 5 mm body), 8-lead
Plastic DIP (300 mil body), 8-lead
Plastic SOIC (3.90 mml body), 8-lead
TSSOP, 8-lead
Plastic SOIC (5.28 mm body), 8-lead
Examples:
a)
25AA256T-I/SN = 256 kbit, 1.8V Serial
EEPROM, Industrial temp., Tape & Reel, SOIC
package
b)
25AA256T-I/ST = 256 kbit, 1.8V Serial
EEPROM, Industrial temp., Tape & Reel,
TSSOP package
c)
25LC256-I/P = 256 kbit, 2.5V Serial EEPROM,
Industrial temp., P-DIP package
d)
25LC256T-E/ST = 256 kbit, 2.5V Serial
EEPROM, Extended temp., Tape & Reel,
TSSOP package
e)
25LC256XT-I/ST = 256 kbit, 2.5V Serial
EEPROM, Industrial temp., Tape and Reel,
Rotated TSSOP package
f)
25AA256T-E/SN = 256 kbit, 1.8V Serial
EEPROM, Extended temp., Tape and Reel,
SOIC package
–
X
Temp Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com