Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC256E/ST Datasheet(PDF) 2 Page - Microchip Technology

Part # 25LC256E/ST
Description  256K SPI Bus Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC256E/ST Datasheet(HTML) 2 Page - Microchip Technology

  25LC256E/ST Datasheet HTML 1Page - Microchip Technology 25LC256E/ST Datasheet HTML 2Page - Microchip Technology 25LC256E/ST Datasheet HTML 3Page - Microchip Technology 25LC256E/ST Datasheet HTML 4Page - Microchip Technology 25LC256E/ST Datasheet HTML 5Page - Microchip Technology 25LC256E/ST Datasheet HTML 6Page - Microchip Technology 25LC256E/ST Datasheet HTML 7Page - Microchip Technology 25LC256E/ST Datasheet HTML 8Page - Microchip Technology 25LC256E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
25AA256/25LC256
DS21822G-page 2
 2003-2013 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature .................................................................................................................................-65°C to 150°C
Ambient temperature under bias ...............................................................................................................-40°C to 125°C
ESD protection on all pins ..........................................................................................................................................4 kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an
extended period of time may affect device reliability.
DC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
VCC = 1.8V to 5.5V
Automotive (E): TA = -40°C to +125°C
VCC = 1.8V to 5.5V
Param.
No.
Sym.
Characteristic
Min.
Typ.(2)
Max.
Units
Test Conditions
D001
VIH
High-level input
voltage
0.7 VCC
—VCC +1
V
D002
VIL
Low-level input
voltage
-0.3
—
0.3 VCC
VVCC
2.5V
D003
VIL
-0.3
—
0.2 VCC
VVCC < 2.5V
D004
VOL
Low-level output
voltage
——
0.4
V
IOL = 2.1 mA, VCC = 4.5V
D005
VOL
——
0.2
V
IOL = 1.0 mA, VCC = 2.5V
D006
VOH
High-level output
voltage
VCC -0.5
—
—
V
IOH = -400
A
D007
ILI
Input leakage current
—
—
±1
ACS = VCC, VIN = VSS OR VCC
D008
ILO
Output leakage
current
——
±1
ACS = VCC, VOUT = VSS OR VCC
D009
CINT
Internal Capacitance
(all inputs and
outputs)
——
7
pF
TA = 25°C, FCLK = 1.0 MHz,
VCC = 5.0V (Note 1)
D010
ICC Read
Operating Current
—
—
2.5
0.5
6
2.5
mA
mA
VCC = 5.5V; FCLK = 10.0 MHz;
SO = Open
VCC = 2.5V; FCLK = 5.0 MHz;
SO = Open
D011
ICC Write
—
—
0.6
0.15
5
3
mA
mA
VCC = 5.5V
VCC = 2.5V
D012
ICCS
Standby Current
—
—
0.1
5
1
A
A
CS = VCC = 5.5V, Inputs tied to VCC
or VSS, 125°C
CS = VCC = 5.5V, Inputs tied to VCC
or VSS, 85°C
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
Typical measurements taken at room temperature (25°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com