Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS8444AN Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS8444AN
Description  OCTAL 6-BIT TRIMMER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS8444AN Datasheet(HTML) 5 Page - Micro Analog systems

  MAS8444AN Datasheet HTML 1Page - Micro Analog systems MAS8444AN Datasheet HTML 2Page - Micro Analog systems MAS8444AN Datasheet HTML 3Page - Micro Analog systems MAS8444AN Datasheet HTML 4Page - Micro Analog systems MAS8444AN Datasheet HTML 5Page - Micro Analog systems MAS8444AN Datasheet HTML 6Page - Micro Analog systems MAS8444AN Datasheet HTML 7Page - Micro Analog systems MAS8444AN Datasheet HTML 8Page - Micro Analog systems MAS8444AN Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DA8444A.005
May 31, 1996
5
SDA
SCL
Bit Transfer on the I C-bus
2
Data line
stable
(data valid)
Change
of data
allowed
S
P
1-7
8
9
1-7
8
9
1-7
8
9
Start
condition
Stop
condition
SDA
SCL
Address
Data
Data
R/W
Ack
Ack
Ack
Complete Data Transfer
ELECTRICAL CHARACTERISTICS
CONT.
Linearity
(All voltages are with respect to GND; Tamb = 25
oC; VDD = 12V unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Differential nonlinearity
DNL
Io = -2mA; Vmax = VDD
-0.5
0.1
0.5
LSB
Integral nonlinearity
INL
Io = -2mA; Vmax = VDD
-0.5
0.1
0.5
LSB
FUNCTIONS
I
2C - bus
The MAS8444A I
2C-bus interface is a receiver-only slave. Data is accepted from the I2C-bus in the following format.
S
0 1 0 0 A2 A1 A0 0
A
I3 I2 I1 I0 SD SC SB SA
A
D7 D6 D5 D4 D3 D2 D1 D0
A
P
Address byte
Instruction byte
First data byte
S
Start condition
A2, A1, A0
programmable address bits
P
Stop condition
I3, I2, I1, I0
instruction bits
A
Acknowledgement
SD, SC, SB, SA
sub-address bits
D7, D6, D5, D4, D3, D2, D2, D1, D0
data bits
I
2C - bus timing



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com