Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS8444AN Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS8444AN
Description  OCTAL 6-BIT TRIMMER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS8444AN Datasheet(HTML) 9 Page - Micro Analog systems

  MAS8444AN Datasheet HTML 1Page - Micro Analog systems MAS8444AN Datasheet HTML 2Page - Micro Analog systems MAS8444AN Datasheet HTML 3Page - Micro Analog systems MAS8444AN Datasheet HTML 4Page - Micro Analog systems MAS8444AN Datasheet HTML 5Page - Micro Analog systems MAS8444AN Datasheet HTML 6Page - Micro Analog systems MAS8444AN Datasheet HTML 7Page - Micro Analog systems MAS8444AN Datasheet HTML 8Page - Micro Analog systems MAS8444AN Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DA8444A.005
May 31, 1996
9
B U S
2
Purchase of I
2C components of Micro Analog Systems Oy, Kamreerintie 2, FIN-02770 Espoo, Finland, conveys a license under
the Philips I
2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard
Specification as defined by Philips.
NOTICE
ORDERING INFORMATION
Product Code
Product
Package
Comments
MAS8444AN
OCTAL 6-BIT TRIMMER-IC
16 Pin PDIP 0.3"
MAS8444AS
OCTAL 6-BIT TRIMMER-IC
16 Pin SO 0.3"
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kamreerintie 2, P.O.Box 51
FIN-02771 ESPOO, FINLAND
Tel. (09) 80 521
Tel. Int. +358 9 80 521
Telefax +358 9 805 3213
E-mail: i
nfo@mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits shown in
this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that
circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Micro Analog
Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com