Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS8444AS Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS8444AS
Description  OCTAL 6-BIT TRIMMER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS8444AS Datasheet(HTML) 3 Page - Micro Analog systems

  MAS8444AS Datasheet HTML 1Page - Micro Analog systems MAS8444AS Datasheet HTML 2Page - Micro Analog systems MAS8444AS Datasheet HTML 3Page - Micro Analog systems MAS8444AS Datasheet HTML 4Page - Micro Analog systems MAS8444AS Datasheet HTML 5Page - Micro Analog systems MAS8444AS Datasheet HTML 6Page - Micro Analog systems MAS8444AS Datasheet HTML 7Page - Micro Analog systems MAS8444AS Datasheet HTML 8Page - Micro Analog systems MAS8444AS Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DA8444A.005
May 31, 1996
3
ABSOLUTE MAXIMUM RATINGS
(conditions)
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.5
18
V
Supply current
IDD
-10
40
I
2C-bus line voltage
V(3),V(4)
-0.5
5.9
V
Input voltage
Vin
-0.5
VDD+0.5
V
Output voltage
Vo
-0.5
VDD+0.5
Maximum current on any pin
(except pins 1 and 8)
Imax
10
mA
Total power dissipation
Ptot
500
mW
Operating ambient temperature
range
Tamb
-20
+70
oC
Storage temperature range
Tstg
-65
+150
oC
oC
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
4.5
12
13.2
V
Supply current
IDD
No loads
6.0
10.0
17.0
mA
Voltage level from power
V1
1
4
V
Total power dissipation
Ptot
No loads, Vmax=VDD
120
mW
ELECTRICAL CHARACTERISTICS
Inputs
SDA, SCL input (pins 3, 4)
(All voltages are with respect to GND; Tamb = 25
oC; VDD = 12V unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input voltage range
V
I
0
5.5
V
Input low voltage
V
IL
1.0
V
Input high voltage
V
IH
3.0
V
Input current low
I
IL
V(3),V(4) = -0.3V
-10
µA
Input current high
V
IH
V(3),V(4) = 6.0V
+10
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com