Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS8444AS Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS8444AS
Description  OCTAL 6-BIT TRIMMER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS8444AS Datasheet(HTML) 1 Page - Micro Analog systems

  MAS8444AS Datasheet HTML 1Page - Micro Analog systems MAS8444AS Datasheet HTML 2Page - Micro Analog systems MAS8444AS Datasheet HTML 3Page - Micro Analog systems MAS8444AS Datasheet HTML 4Page - Micro Analog systems MAS8444AS Datasheet HTML 5Page - Micro Analog systems MAS8444AS Datasheet HTML 6Page - Micro Analog systems MAS8444AS Datasheet HTML 7Page - Micro Analog systems MAS8444AS Datasheet HTML 8Page - Micro Analog systems MAS8444AS Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DA8444A.005
May 31, 1996
1
Reference
Voltage
Generator
6-BIT DAC
6-BIT DAC
6-BIT DAC
6-BIT DAC
6-BIT DAC
6-BIT DAC
6-BIT DAC
DAC7
6-BIT DAC
DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
DAC0
VDD
A0 5
SDA 3
SCL 4
A1 6
A2 7
Vmax 2
GND
I C Bus
Slave
Receiver
2
1
8
MAS8444A
OCTAL 6-BIT TRIMMER IC
• Eight discrete DACs
• I
2
C-bus slave receiver
• Voltage output
DESCRIPTION
The MAS8444a comprises eight digital to analog
converters (DACs) each controlled by a two-wire I
2C
bus. The DACs are individually programmed using an
6-bit word to select an output from one of 64 voltage
steps. The maximum output voltage of all DACs is set
by Vmax. At power-on all outputs are set to their lowest
value. The I
2C-bus slave receiver has 3 programmable
address pins (2 in the SO16 package).
FEATURES
• Rail to rail output stages
• Octal 6-bit DACs on a single monolithic chip
• Power supply range from +5V to +12V
• -25 C to +85 C temperature range
• 16-pin PDIL and SO package
• pin to pin compatibility with TDA8444
APPLICATION
• Trimmer replacement
• Automatic gain control
• High resolution monitors
BLOCK DIAGRAM


Similar Part No. - MAS8444AS

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MAS800Q MSPI-MAS800Q Datasheet
102Kb / 1P
Oscillation Frequency (Hz) 2700 ± 500
MAS800SQ MSPI-MAS800SQ Datasheet
112Kb / 1P
Oscillation Frequency (Hz) 2700 ± 500
MAS803Q MSPI-MAS803Q Datasheet
107Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
MAS803SQ MSPI-MAS803SQ Datasheet
110Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
MAS806Q MSPI-MAS806Q Datasheet
96Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
More results

Similar Description - MAS8444AS

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9181B MAS-MAS9181B Datasheet
175Kb / 9P
OCTAL 8 BIT TRIMMER IC
logo
CTS Corporation
307 CTS-307 Datasheet
241Kb / 2P
Commercial miniature 6 mm cermet trimmer potentiometer
logo
Bourns Electronic Solut...
3046_MDS BOURNS-3046_MDS Datasheet
54Kb / 1P
Trimmer
3302_MDS BOURNS-3302_MDS Datasheet
146Kb / 2P
Trimmer
3303 BOURNS-3303 Datasheet
124Kb / 2P
Trimmer
3329_MDS BOURNS-3329_MDS Datasheet
141Kb / 2P
Trimmer
7829S BOURNS-7829S Datasheet
126Kb / 2P
Trimmer
7829H BOURNS-7829H Datasheet
124Kb / 2P
Trimmer
7814023 BOURNS-7814023 Datasheet
119Kb / 2P
Trimmer
7813S BOURNS-7813S Datasheet
204Kb / 2P
Trimmer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com