Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP201APZP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TFP201APZP
Description  Supports SXGA Resolution
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP201APZP Datasheet(HTML) 1 Page - Texas Instruments

  TFP201APZP Datasheet HTML 1Page - Texas Instruments TFP201APZP Datasheet HTML 2Page - Texas Instruments TFP201APZP Datasheet HTML 3Page - Texas Instruments TFP201APZP Datasheet HTML 4Page - Texas Instruments TFP201APZP Datasheet HTML 5Page - Texas Instruments TFP201APZP Datasheet HTML 6Page - Texas Instruments TFP201APZP Datasheet HTML 7Page - Texas Instruments TFP201APZP Datasheet HTML 8Page - Texas Instruments TFP201APZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TFP201, TFP201A
TI PanelBus DIGITAL RECEIVER
SLDS116A - MARCH 2000 − REVISED JUNE 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Supports SXGA Resolution
(Output Pixel Rates Up to 112 MHz)
D Digital Visual Interface (DVI) Specification
Compliant1
D True-Color, 24 Bit/Pixel, 16.7M Colors at 1
or 2-Pixels Per Clock
D Laser Trimmed Internal Termination
Resistors for Optimum Fixed Impedance
Matching
D Skew Tolerant Up to One Pixel Clock Cycle
D 4x Over-Sampling
D Reduced Power Consumption − 1.8 V Core
Operation With 3.3 V I/Os and Supplies2
D Reduced Ground Bounce Using Time
Staggered Pixel Outputs
D Lowest Noise and Best Power Dissipation
Using TI PowerPAD
 Packaging
D Advanced Technology Using TI 0.18-µm
EPIC-5
 CMOS Process
D TFP201A Incorporates HSYNC Jitter
Immunity3
description
The Texas Instruments TFP201 and TFP201A are TI PanelBus
 flat panel display products, part of a
comprehensive family of end-to-end DVI 1.0 compliant solutions. Targeted primarily at desktop LCD monitors
and digital projectors, the TFP201/201A finds applications in any design requiring high-speed digital interface.
The TFP201/201A supports display resolutions up to SXGA in 24-bit true color pixel format. The TFP201/201A
offers design flexibility to drive one or two pixels per clock, supports TFT or DSTN panels, and provides an option
for time staggered pixel outputs for reduced ground bounce.
PowerPAD
 advanced packaging technology results in best of class power dissipation, footprint, and ultra-low
ground inductance.
The TFP201/201A combines PanelBus
 circuit innovation with TI’s advanced 0.18-µm EPIC-5 CMOS
process technology, along with TI PowerPAD
 package technology to achieve a reliable, low-powered, low
noise, high-speed digital interface solution.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
100-TQFP
(PZP)
0
°C to 70°C
TFP201PZP
0
°C to 70°C
TFP201APZP
1.
The Digital Visual Interface Specification, DVI, is an industry standard developed by the Digital Display Working Group (DDWG) for
high-speed digital connection to digital displays The TFP201 and TFP201A are compliant to the DVI Specification Rev. 1.0.
2.
The TFP201/201A has an internal voltage regulator that provides the 1.8-V core power supply from the externally supplied 3.3-V
supplies.
3.
The TFP201A incorporates additional circuitry to create a stable HSYNC from DVI transmitters that introduce undesirable jitter on
the transmitted HSYNC signal.
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PanelBus, PowerPAD and EPIC-5 are trademarks of Texas Instruments.
I2C is a licensed bus protocol from Phillips Semiconductor, Inc.
Not Recommended for New Designs


Similar Part No. - TFP201APZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP201APZP TI-TFP201APZP Datasheet
286Kb / 18P
TI PANEL BUS DIGITAL RECEIVER
More results

Similar Description - TFP201APZP

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD823 THINE-THC63LVD823 Datasheet
227Kb / 16P
Single(135MHz)/Dual(170MHz) Link LVDS Transmitter for SXGA/SXGA/UXGA
logo
LG Semicon Co.,Ltd.
LM170E01 LG-LM170E01 Datasheet
614Kb / 28P
17.0 SXGA TFT LCD
logo
List of Unclassifed Man...
MTL003 ETC-MTL003 Datasheet
447Kb / 64P
SXGA Flat Panel Controller
MTL007 ETC2-MTL007 Datasheet
291Kb / 65P
SXGA Flat Panel Controller
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
Supports CompactFlash
GOT5100T-832 AXIOMTEK-GOT5100T-832 Datasheet
352Kb / 2P
Supports RFID
logo
AAEON Technology
AMB-280A AAEON-AMB-280A Datasheet
761Kb / 2P
18" TFT SXGA LCD
logo
List of Unclassifed Man...
561-DMSP250 ETC2-561-DMSP250 Datasheet
79Kb / 2P
PCB Supports
logo
Texas Instruments
TFP101 TI1-TFP101_14 Datasheet
547Kb / 21P
Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
logo
LG Semicon Co.,Ltd.
LB170E01-SL01 LG-LB170E01-SL01 Datasheet
1Mb / 33P
17??SXGA TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com