Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP201APZP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TFP201APZP
Description  Supports SXGA Resolution
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP201APZP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TFP201APZP Datasheet HTML 7Page - Texas Instruments TFP201APZP Datasheet HTML 8Page - Texas Instruments TFP201APZP Datasheet HTML 9Page - Texas Instruments TFP201APZP Datasheet HTML 10Page - Texas Instruments TFP201APZP Datasheet HTML 11Page - Texas Instruments TFP201APZP Datasheet HTML 12Page - Texas Instruments TFP201APZP Datasheet HTML 13Page - Texas Instruments TFP201APZP Datasheet HTML 14Page - Texas Instruments TFP201APZP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TFP201, TFP201A
TI PanelBus DIGITAL RECEIVER
SLDS116A - MARCH 2000 − REVISED JUNE 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
TFP201/201A clocking and data synchronization
The TFP201/201A receives a clock reference from the TMDS transmitter that has a period equal to the pixel
time, Tpix. The frequency of this clock is also referred to as the pixel rate. Since the TMDS encoded data on
Rx[2:0] contains 10 bits per 8 bit pixel it follows that the Rx[2:0] serial bit rate is 10 times the pixel rate. For
example, the required pixel rate to support an SXGA resolution with 60 Hz refresh rate is 112 MHz. The TMDS
serial bit rate is 10x the pixel rate or 1.12 Gb/s. Due to the transmission of this high-speed digital bit stream, on
three separate channels (or twisted-pair wires) of long distances (3-5 meters), phase synchronization between
the data steams and the input reference clock is not guaranteed. In addition, skew between the three data
channels is common. The TFP201/201A uses a 4x oversampling scheme of the input data streams to achieve
reliable synchronization with up to 1-Tpix channel-to-channel skew tolerance. Accumulated jitter on the clock
and data lines due to reflections and external noise sources is also typical of high speed serial data transmission,
hence the TFP201/201A’s design for high jitter tolerance.
The input clock to the TFP201/201A is conditioned by a phase-locked-loop (PLL) to remove high frequency jitter
from the clock. The PLL provides four 10x clock outputs of different phase to locate and sync the TMDS data
streams (4x oversampling). During active display the pixel data is encoded to be transition minimized, whereas
in blank, the control data is encoded to be transition maximized. A DVI compliant transmitter is required to
transmit in blank for a minimum period of time, 128-Tpix, to ensure sufficient time for data synchronization when
the receiver sees a transition maximized code. Synchronization during blank, when the data is transition
maximized, ensures reliable data bit boundary detection. Phase synchronization to the data streams is unique
for each of the three input channels and is maintained as long as the link remains active.
TFP201/201A TMDS input levels and input impedance matching
The TMDS inputs to the TFP201/201A receiver have a fixed single-ended termination to AVDD The
TFP201/201A is internally optimized using a laser trim process to precisely fix the impedance at 50
Ω. The
device will function normally with or without a resistor on the EXT_RES pin, so it remains drop-in compatible
with current sockets. The fixed impedance eliminates the need for an external resistor while providing optimum
impedance matching to standard 50-
Ω DVI cables.
Figure 14 shows a conceptual schematic of a DVI transmitter and TFP201/201A receiver connection. A
transmitter drives the twisted pair cable via a current source, usually achieved with an open drain type output
driver. The internal resistor, which is matched to the cable impedance, at the TFP201/201A input provides a
pullup to AVDD . Naturally, when the transmitter is disconnected and the TFP201/201A DVI inputs are left
unconnected, the TFP201/201A receiver inputs pullup to AVDD. The single ended differential signal and full
differential signal is shown in Figure 15. The TFP201/201A is designed to respond to differential signal swings
ranging from 150 mV to 1.56 V with common mode voltages ranging from (AVDD-300 mV) to (AVDD-37 mV).
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com