Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9548 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9548
Description  8-channel I2C switch with reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9548 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9548 Datasheet HTML 4Page - NXP Semiconductors PCA9548 Datasheet HTML 5Page - NXP Semiconductors PCA9548 Datasheet HTML 6Page - NXP Semiconductors PCA9548 Datasheet HTML 7Page - NXP Semiconductors PCA9548 Datasheet HTML 8Page - NXP Semiconductors PCA9548 Datasheet HTML 9Page - NXP Semiconductors PCA9548 Datasheet HTML 10Page - NXP Semiconductors PCA9548 Datasheet HTML 11Page - NXP Semiconductors PCA9548 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product data sheet
PCA9548
8-channel I2C switch with reset
2004 Sep 30
8
Acknowledge
The number of data bytes transferred between the start and the stop conditions from transmitter to receiver is not limited. Each byte of eight bits
is followed by one acknowledge bit. The acknowledge bit is a HIGH level put on the bus by the transmitter whereas the master generates an
extra acknowledge related clock pulse.
A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also a master must generate an
acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that acknowledges has to pull down
the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock
pulse, set-up and hold times must be taken into account.
A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte that has been clocked out of
the slave. In this event, the transmitter must leave the data line HIGH to enable the master to generate a stop condition.
DATA OUTPUT
BY TRANSMITTER
SCL FROM
MASTER
SW00368
DATA OUTPUT
BY RECEIVER
12
89
S
START condition
clock pulse for
acknowledgement
acknowledge
not acknowledge
Figure 9. Acknowledgement on the I2C-bus
S
SDA
0A
A
1
1
1
0
A2
A1
A0
SLAVE ADDRESS
start condition
R/W
acknowledge
from slave
acknowledge
from slave
B0
CONTROL REGISTER
B4
P
SW01032
B1
B5
B2
B6
B3
B7
Figure 10. WRITE control register
SDA
S1
A
NA
1
1
1
0
A2
A1
A0
start condition
R/W
acknowledge
from slave
CONTROL REGISTER
P
stop condition
last byte
SW01033
SLAVE ADDRESS
no acknowledge
from master
B0
B4
B1
B5
B2
B6
B3
B7
Figure 11. READ control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com