Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9548 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9548
Description  8-channel I2C switch with reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9548 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9548 Datasheet HTML 1Page - NXP Semiconductors PCA9548 Datasheet HTML 2Page - NXP Semiconductors PCA9548 Datasheet HTML 3Page - NXP Semiconductors PCA9548 Datasheet HTML 4Page - NXP Semiconductors PCA9548 Datasheet HTML 5Page - NXP Semiconductors PCA9548 Datasheet HTML 6Page - NXP Semiconductors PCA9548 Datasheet HTML 7Page - NXP Semiconductors PCA9548 Datasheet HTML 8Page - NXP Semiconductors PCA9548 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product data sheet
PCA9548
8-channel I2C switch with reset
2
2004 Sep 30
FEATURES
• 1-of-8 bi-directional translating switches
• I2C interface logic; compatible with SMBus standards
• Active LOW Reset Input
• 3 address pins allowing up to 8 devices on the I2C-bus
• Channel selection via I2C-bus, in any combination
• Power-up with all switch channels deselected
• Low Rds
ON switches
• Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and
5 V buses
• No glitch on power-up
• Supports hot insertion
• Low stand-by current
• Operating power supply voltage range of 2.3 V to 5.5 V
• 5 V tolerant Inputs
• 0 kHz to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114,
150 V MM per JESD22-A115 and 1000 V per JESD22-C101
• Latchup testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
• Packages offered: SO24, TSSOP24
DESCRIPTION
The PCA9548 is a octal bi-directional translating switch controlled
by the I2C-bus. The SCL/SDA upstream pair fans out to eight
downstream pairs, or channels. Any individual SCx/SDx channel or
combination of channels can be selected, determined by the
contents of the programmable Control Register.
An active-LOW reset input allows the PCA9548 to recover from a
situation where one of the downstream I2C-buses is stuck in a LOW
state. Pulling the RESET pin LOW resets the I2C state machine and
causes all the channels to be deselected as does the internal power
on reset function.
The pass gates of the switches are constructed such that the VDD
pin can be used to limit the maximum high voltage which will be
passed by the PCA9548. This allows the use of different bus
voltages on each pair, so that 1.8 V, 2.5 V, or 3.3 V parts can
communicate with 5 V parts without any additional protection.
External pull-up resistors pull the bus up to the desired voltage level
for each channel. All I/O pins are 5 V tolerant.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
24-Pin Plastic SO
–40
°C to +85 °C
PCA9548D
SOT137-1
24-Pin Plastic TSSOP
–40
°C to +85 °C
PCA9548PW
SOT355-1
Standard packing quantities and other packaging data are available at www.standardproducts.philips.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com