Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC921 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # P89LPC921
Description  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC921 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button P89LPC921 Datasheet HTML 37Page - NXP Semiconductors P89LPC921 Datasheet HTML 38Page - NXP Semiconductors P89LPC921 Datasheet HTML 39Page - NXP Semiconductors P89LPC921 Datasheet HTML 40Page - NXP Semiconductors P89LPC921 Datasheet HTML 41Page - NXP Semiconductors P89LPC921 Datasheet HTML 42Page - NXP Semiconductors P89LPC921 Datasheet HTML 43Page - NXP Semiconductors P89LPC921 Datasheet HTML 44Page - NXP Semiconductors P89LPC921 Datasheet HTML 45Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 45 / 45 page
background image
© Koninklijke Philips Electronics N.V. 2003.
Printed in the U.S.A.
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner.
The information presented in this document does not form part of any quotation or
contract, is believed to be accurate and reliable and may be changed without notice. No
liability will be accepted by the publisher for any consequence of its use. Publication
thereof does not convey nor imply any license under patent- or other industrial or
intellectual property rights.
Date of release: 21 November 2003
Document order number: 9397 750 12285
Contents
Philips Semiconductors
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
1
General description . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2.1
Principal features . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2.2
Additional features . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3.1
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
4
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
5
Pinning information. . . . . . . . . . . . . . . . . . . . . . . . . . . 5
5.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
5.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
6
Logic symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
7
Special function registers. . . . . . . . . . . . . . . . . . . . . . 9
8
Functional description . . . . . . . . . . . . . . . . . . . . . . . 14
8.1
Enhanced CPU . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
8.2
Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
8.2.1
Clock definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
8.2.2
CPU clock (OSCCLK) . . . . . . . . . . . . . . . . . . . . . . . 14
8.2.3
Low speed oscillator option . . . . . . . . . . . . . . . . . . . 14
8.2.4
Medium speed oscillator option . . . . . . . . . . . . . . . . 14
8.2.5
High speed oscillator option . . . . . . . . . . . . . . . . . . . 14
8.2.6
Clock output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
8.3
On-chip RC oscillator option . . . . . . . . . . . . . . . . . . 15
8.4
Watchdog oscillator option . . . . . . . . . . . . . . . . . . . . 15
8.5
External clock input option . . . . . . . . . . . . . . . . . . . . 15
8.6
CPU Clock (CCLK) wake-up delay. . . . . . . . . . . . . . 16
8.7
CPU Clock (CCLK) modification: DIVM register . . . 16
8.8
Low power select . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
8.9
Memory organization . . . . . . . . . . . . . . . . . . . . . . . . 16
8.10
Data RAM arrangement . . . . . . . . . . . . . . . . . . . . . . 17
8.11
Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
8.11.1
External interrupt inputs . . . . . . . . . . . . . . . . . . . . . . 17
8.12
I/O ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
8.12.1
Port configurations . . . . . . . . . . . . . . . . . . . . . . . . . . 18
8.12.2
Quasi-bidirectional output configuration. . . . . . . . . . 19
8.12.3
Open-drain output configuration. . . . . . . . . . . . . . . . 19
8.12.4
Input-only configuration . . . . . . . . . . . . . . . . . . . . . . 19
8.12.5
Push-pull output configuration . . . . . . . . . . . . . . . . . 19
8.12.6
Port 0 analog functions . . . . . . . . . . . . . . . . . . . . . . 19
8.12.7
Additional port features . . . . . . . . . . . . . . . . . . . . . . 20
8.13
Power monitoring functions . . . . . . . . . . . . . . . . . . . 20
8.13.1
Brownout detection . . . . . . . . . . . . . . . . . . . . . . . . . 20
8.13.2
Power-on detection . . . . . . . . . . . . . . . . . . . . . . . . . 20
8.14
Power reduction modes . . . . . . . . . . . . . . . . . . . . . . 21
8.14.1
Idle mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
8.14.2
Power-down mode . . . . . . . . . . . . . . . . . . . . . . . . . . 21
8.14.3
Total Power-down mode . . . . . . . . . . . . . . . . . . . . . . 21
8.15
Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
8.15.1
Reset vector . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
8.16
Timers/counters 0 and 1 . . . . . . . . . . . . . . . . . . . . . 22
8.16.1
Mode 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
8.16.2
Mode 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
8.16.3
Mode 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
8.16.4
Mode 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
8.16.5
Mode 6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
8.16.6
Timer overflow toggle output. . . . . . . . . . . . . . . . . . . 23
8.17
Real-Time clock/system timer. . . . . . . . . . . . . . . . . . 23
8.18
UART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
8.18.1
Mode 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8.18.2
Mode 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8.18.3
Mode 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8.18.4
Mode 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8.18.5
Baud rate generator and selection . . . . . . . . . . . . . . 24
8.18.6
Framing error . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
8.18.7
Break detect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
8.18.8
Double buffering . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
8.18.9
Transmit interrupts with double buffering
enabled (Modes 1, 2 and 3) . . . . . . . . . . . . . . . . . . . 25
8.18.10
The 9th bit (bit 8) in double buffering (Modes 1, 2 and
3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
8.19
I2C-bus serial interface . . . . . . . . . . . . . . . . . . . . . . . 26
8.20
Analog comparators . . . . . . . . . . . . . . . . . . . . . . . . . 28
8.20.1
Internal reference voltage . . . . . . . . . . . . . . . . . . . . . 28
8.20.2
Comparator interrupt. . . . . . . . . . . . . . . . . . . . . . . . . 29
8.20.3
Comparators and power reduction modes . . . . . . . . 29
8.21
Keypad interrupt (KBI) . . . . . . . . . . . . . . . . . . . . . . . 29
8.22
Watchdog timer. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.23
Additional features . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.23.1
Software reset. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.23.2
Dual data pointers. . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.24
Flash program memory. . . . . . . . . . . . . . . . . . . . . . . 31
8.24.1
General description. . . . . . . . . . . . . . . . . . . . . . . . . . 31
8.24.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
8.24.3
ISP and IAP capabilities of the P89LPC920/921/922 31
8.25
User configuration bytes . . . . . . . . . . . . . . . . . . . . . . 33
8.26
User sector security bytes . . . . . . . . . . . . . . . . . . . . 33
9
Limiting values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
10
Static characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 35
11
Dynamic characteristics . . . . . . . . . . . . . . . . . . . . . . 36
12
Comparator electrical characteristics . . . . . . . . . . . 38
13
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
14
Soldering. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
14.1
Introduction to soldering surface mount packages . . 41
14.2
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
14.3
Wave soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
14.4
Manual soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
14.5
Package related soldering information . . . . . . . . . . . 42
15
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
16
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
17
Definitions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
18
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
19
Licenses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com