Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC921 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # P89LPC921
Description  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC921 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button P89LPC921 Datasheet HTML 29Page - NXP Semiconductors P89LPC921 Datasheet HTML 30Page - NXP Semiconductors P89LPC921 Datasheet HTML 31Page - NXP Semiconductors P89LPC921 Datasheet HTML 32Page - NXP Semiconductors P89LPC921 Datasheet HTML 33Page - NXP Semiconductors P89LPC921 Datasheet HTML 34Page - NXP Semiconductors P89LPC921 Datasheet HTML 35Page - NXP Semiconductors P89LPC921 Datasheet HTML 36Page - NXP Semiconductors P89LPC921 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Philips Semiconductors
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 06 — 21 November 2003
33 of 45
9397 750 12285
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
In-System Programming (ISP): In-System Programming is performed without
removing the microcontroller from the system. The In-System Programming facility
consists of a series of internal hardware resources coupled with internal firmware to
facilitate remote programming of the P89LPC920/921/922 through the serial port.
This firmware is provided by Philips and embedded within each P89LPC920/921/922
device. The Philips In-System Programming facility has made in-system
programming in an embedded application possible with a minimum of additional
expense in components and circuit board area. The ISP function uses five pins (VDD,
VSS, TXD, RXD, and RST). Only a small connector needs to be available to interface
your application to an external circuit in order to use this feature. Please see the
P89LPC920/921/922 User’s Manual for additional details.
In-Application Programming (IAP): Several In-Application Programming (IAP) calls
are available for use by an application program to permit selective erasing and
programming of Flash sectors, pages, security bits, configuration bytes, and device
identification. All calls are made through a common interface, PGM_MTP. The
programming functions are selected by setting up the microcontroller’s registers
before making a call to PGM_MTP at FF00H. Please see the
P89LPC920/921/922
User’s Manual for additional details.
In-Circuit Programming (ICP): In-Circuit Programming is a method intended to
allow commercial programmers to program and erase these devices without
removing the microcontroller from the system. The In-Circuit Programming facility
consists of a series of internal hardware resources to facilitate remote programming
of the P89LPC920/921/922 through a two-wire serial interface. Philips has made
in-circuit programming in an embedded application possible with a minimum of
additional expense in components and circuit board area. The ICP function uses five
pins (VDD, VSS, P0.5, P0.4, and RST). Only a small connector needs to be available
to interface your application to an external programmer in order to use this feature.
8.25 User configuration bytes
A number of user-configurable features of the P89LPC920/921/922 must be defined
at power-up and therefore cannot be set by the program after start of execution.
These features are configured through the use of the Flash byte UCFG1. Please see
the
P89LPC920/921/922 User’s Manual for additional details.
8.26 User sector security bytes
There are two/four/eight User Sector Security Bytes, each corresponding to one
sector. Please see the
P89LPC920/921/922 User’s Manual for additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com