Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL75LP10 Datasheet(PDF) 2 Page - Texas Instruments

Part # TL75LP10
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL75LP10 Datasheet(HTML) 2 Page - Texas Instruments

  TL75LP10 Datasheet HTML 1Page - Texas Instruments TL75LP10 Datasheet HTML 2Page - Texas Instruments TL75LP10 Datasheet HTML 3Page - Texas Instruments TL75LP10 Datasheet HTML 4Page - Texas Instruments TL75LP10 Datasheet HTML 5Page - Texas Instruments TL75LP10 Datasheet HTML 6Page - Texas Instruments TL75LP10 Datasheet HTML 7Page - Texas Instruments TL75LP10 Datasheet HTML 8Page - Texas Instruments TL75LP10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TL75LPxxQ SERIES
TL75LPxxY SERIES
LOW DROPOUT VOLTAGE REGULATORS
SLVS073A − SEPTEMBER 1992 − REVISED AUGUST 1995
3−2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
functional block diagram
INPUT
Current
Limiting
Enable
ENABLE
Bandgap
OUTPUT
Overvoltage/
Thermal
Shutdown
GND/HEAT SINK
+
−
28 V
TL75LPxxY chip information
This chip, when properly assembled, displays characteristics similar to the TL75LPxx. Thermal compression
or ultrasonic bonding can be used on the doped aluminum bonding pads. The chip can be mounted with
conductive epoxy or a gold-silicon preform.
(1)
(5)
(4)
TL75LPxxY
(3)
(6)
(2)
OUTPUT
OUTPUT
SENSE
SIGNAL
GND
POWER
GND
ENABLE
INPUT
CHIP THICKNESS: 11 MILS TYPICAL
BONDING PADS: 7 X 7 MILS MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
NOTE A. NOTE: SIGNAL GND and POWER
GND must be tied together as close to
device as possible. OUTPUT and
OUTPUT
SENSE
should
be
tied
together.
92
123
BONDING PAD ASSIGNMENTS
(1)
(5)
(3)
(6)
(2)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com