Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL75LP10 Datasheet(PDF) 7 Page - Texas Instruments

Part # TL75LP10
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL75LP10 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL75LP10 Datasheet HTML 3Page - Texas Instruments TL75LP10 Datasheet HTML 4Page - Texas Instruments TL75LP10 Datasheet HTML 5Page - Texas Instruments TL75LP10 Datasheet HTML 6Page - Texas Instruments TL75LP10 Datasheet HTML 7Page - Texas Instruments TL75LP10 Datasheet HTML 8Page - Texas Instruments TL75LP10 Datasheet HTML 9Page - Texas Instruments TL75LP10 Datasheet HTML 10Page - Texas Instruments TL75LP10 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TL75LPxxQ SERIES
TL75LPxxY SERIES
LOW DROPOUT VOLTAGE REGULATORS
SLVS073A − SEPTEMBER 1992 − REVISED AUGUST 1995
3−7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics at VI = 10 V, IO = 300 mA, ENABLE = 0 V, TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL75LP48Y
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage
4.85
V
Input voltage regulation
10
mV
Ripple rejection
f = 120 Hz
55
dB
Output voltage regulation
12
mV
Dropout voltage
0.22
V
Output noise voltage
f = 10 Hz to 100 kHz
500
µV
Bias current
9
mA
High-level input current, ENABLE
ENABLE = 0.8 V
7
µA
Low-level input current, ENABLE
ENABLE = 2 V
0.05
µA
Standby current
ENABLE = 2 V
100
µA
† Pulse-testing techniques maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects must be taken
into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 10-µF capacitor with equivalent series
resistance within the guidelines shown in Figures 3 and 4 on the output. All measurements are taken with a tantalum electrolytic capacitor.
Although not normally recommended, an aluminum electrolytic capacitor can be used. Attention must be given its ESR value, particularly at low
temperatures.
electrical characteristics at VI = 10 V, IO = 300 mA, ENABLE = 0 V, TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL75LP05Y
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage
5
V
Input voltage regulation
10
mV
Ripple rejection
f = 120 Hz
55
dB
Output voltage regulation
12
mV
Dropout voltage
0.22
V
Output noise voltage
f = 10 Hz to 100 kHz
500
µV
Bias current
9
mA
High-level input current, ENABLE
ENABLE = 0.8 V
7
µA
Low-level input current, ENABLE
ENABLE = 2 V
0.05
µA
Standby current
ENABLE = 2 V
100
µA
† Pulse-testing techniques maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects must be taken
into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 10-µF capacitor with equivalent series
resistance within the guidelines shown in Figures 3 and 4 on the output. All measurements are taken with a tantalum electrolytic capacitor.
Although not normally recommended, an aluminum electrolytic capacitor can be used. Attention must be given its ESR value, particularly at low
temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com