Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080ID Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC080ID
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC080ID Datasheet(HTML) 5 Page - Texas Instruments

  TLC080ID Datasheet HTML 1Page - Texas Instruments TLC080ID Datasheet HTML 2Page - Texas Instruments TLC080ID Datasheet HTML 3Page - Texas Instruments TLC080ID Datasheet HTML 4Page - Texas Instruments TLC080ID Datasheet HTML 5Page - Texas Instruments TLC080ID Datasheet HTML 6Page - Texas Instruments TLC080ID Datasheet HTML 7Page - Texas Instruments TLC080ID Datasheet HTML 8Page - Texas Instruments TLC080ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
TLC080 , TLC081, TLC082
TLC083, TLC084, TLC085, TLC08xA
www.ti.com
SLOS254F
– JUNE 1999 – REVISED DECEMBER 2011
ELECTRICAL CHARACTERISTICS
at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP
MAX
UNIT
TLC080/1/2/3,
25
°C
390
1900
TLC084/5
Full range
3000
VIO
Input offset voltage
µV
VDD = 5 V,
TLC080/1/2/3A,
25
°C
390
1400
VIC = 2.5 V,
VO = 2.5 V,
TLC084/5A
Full range
2000
Temperature coefficient of
RS = 50 Ω
∝VIO
1.2
µV/°C
input offset voltage
25
°C
1.9
50
IIO
Input offset current
VDD = 5 V,
TLC08XC
100
pA
Full range
VIC = 2.5 V,
TLC08XI
700
VO = 2.5 V,
25
°C
3
50
IIB
Input bias current
RS = 50 Ω
TLC08XC
100
pA
Full range
TLC08XI
700
25
°C
0 to 3.0
0 to 3.5
VICR
Common-mode input voltage
RS = 50 Ω
V
Full range
0 to 3.0
0 to 3.5
25
°C
4.1
4.3
IOH = –1 mA
Full range
3.9
25
°C
3.7
4
IOH = –20 mA
Full range
3.5
VOH
High-level output voltage
VIC = 2.5 V
V
25
°C
3.4
3.8
IOH = –35 mA
Full range
3.2
25
°C
3.2
3.6
IOH = –50 mA
–40°C to
3
85
°C
25
°C
0.18
0.25
IOL = 1 mA
Full range
0.35
25
°C
0.35
0.39
IOL = 20 mA
Full range
0.45
VOL
Low-level output voltage
VIC = 2.5 V
V
25
°C
0.43
0.55
IOL = 35 mA
Full range
0.7
25
°C
0.45
0.63
IOL = 50 mA
–40°C to
0.7
85
°C
Sourcing
25
°C
100
IOS
Short-circuit output current
mA
Sinking
25
°C
100
VOH = 1.5 V from positive rail
25
°C
57
IO
Output current
mA
VOL = 0.5 V from negative rail
25
°C
55
25
°C
100
120
Large-signal differential
AVD
VO(PP) = 3 V,
RL = 10 kΩ
dB
voltage amplification
Full range
100
ri(d)
Differential input resistance
25
°C
1000
G
Ω
Common-mode input
CIC
f = 10 kHz
25
°C
22.9
pF
capacitance
Closed-loop output
zo
f = 10 kHz,
AV = 10
25
°C
0.25
Ω
impedance
25
°C
80
110
CMRR
Common-mode rejection ratio
VIC = 0 to 3 V,
RS = 50 Ω
dB
Full range
80
VDD = 4.5 V to 16 V, VIC = VDD/2,
25
°C
80
100
Supply voltage rejection ratio
kSVR
dB
(
ΔVDD /ΔVIO)
No load
Full range
80
(1)
Full range is 0
°C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C.
Copyright
© 1999–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com