Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080ID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC080ID
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC080ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC080ID Datasheet HTML 7Page - Texas Instruments TLC080ID Datasheet HTML 8Page - Texas Instruments TLC080ID Datasheet HTML 9Page - Texas Instruments TLC080ID Datasheet HTML 10Page - Texas Instruments TLC080ID Datasheet HTML 11Page - Texas Instruments TLC080ID Datasheet HTML 12Page - Texas Instruments TLC080ID Datasheet HTML 13Page - Texas Instruments TLC080ID Datasheet HTML 14Page - Texas Instruments TLC080ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
0
20
40
60
80
100
120
140
f – Frequency – Hz
100k
1M
10M
10k
100
1k
VDD = 5 V and 12 V
TA = 25°C
40
0
10
80
140
1k
10k
VDD = 12 V
120
100
60
100
20
0
100k
1M
10M
VDD = 5 V
f – Frequency – Hz
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
4
5
6
7
8
9
10
1 1 1 2 13 1 4
15
TA = 40 °C
AV = 1
SHDN = VDD
Per Channel
TA = 125°C
TA = 70°C
TA = 25°C
V
– Supply Voltage – V
DD
0
2
4
6
8
10
12
f – Frequency – Hz
100k
1M
10M
10k
THD+N < = 5%
RL = 600 Ω
TA = 25°C
VDD = 12 V
VDD = 5 V
0
2
4
6
8
10
12
f – Frequency – H
100k
1M
10M
10k
THD+N < = 5%
RL= 10 kΩ
TA = 25°C
VDD = 12 V
VDD = 5 V
0
10
100
10
25
10k
100k
f – Frequency – Hz
VDD = 5 V
40
VDD = 12 V
35
30
20
15
5
1k
-120
10
100
-80
-20
10k
f – Frequency – Hz
0
-40
-60
-100
1k
-140
-160
100k
VDD = 5 V and 12 V
AV = 1
RL = 10 kΩ
VI(PP) = 2 V
For All Channels
TLC080 , TLC081, TLC082
TLC083, TLC084, TLC085, TLC08xA
www.ti.com
SLOS254F
– JUNE 1999 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS
POWER SUPPLY REJECTION
SUPPLY CURRENT
RATIO
COMMON-MODE REJECTION RATIO
vs
vs
vs
SUPPLY VOLTAGE
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
PEAK-TO-PEAK OUTPUT
PEAK-TO-PEAK OUTPUT
EQUIVALENT INPUT NOISE
VOLTAGE
VOLTAGE
VOLTAGE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
CROSSTALK
vs
FREQUENCY
Figure 16.
Copyright
© 1999–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com