Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30DF4 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 30DF4
Description  FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

30DF4 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  30DF4 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 30DF4 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0
25
50
75
100 125
150 175
T , AMBIENT TEMPERATURE (ºC)
Fig.1, Forward Derating Curve
A
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
1
2
3
4
9.5mm Lead
Length to PC Board
10
100
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 4, Maximum Non-Repetitive Surge Current
10
100
1000
1
10
100
V , REVERSE VOLTAGE (VOLTS)
Fig. 3, Typical Junction Capacitance
R
30DF4
30DF6
0.1
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V , INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Fig.2, Typical Forward Characteristics
F
T = 25°C
J
Pulse Width
= 300 µs
2 of 2
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com