Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30DF4 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 30DF4
Description  FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

30DF4 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  30DF4 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 30DF4 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 3.0 A
VOLTAGE RANGE: 400 - 600V
30DF4 - 30DF6
400
30DF6
30DF4
Low Reverse Recovery Time (Trr)
Low Reverse Current
Low Forward Voltage Drop
High Current Capability
Plastic Material - UL Recognition 94V-0
Case: DO-201AD, Molded Plastic
Terminals: Axial Leads, Solderable per
MIL-STD-202 Method 208
Polarity: Color Band Denotes Cathode
Approx. Weight: 1.1 grams
Mounting Position: Any
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking voltage
VDC
Maximum Average Forward Rectified Current
(9.5mm)
Lead Length @ TA=75°C
I(AV)
3.0
A
Peak Forward Surge Current 8.3 ms single half
sine-wave superimposed on rated load (JEDEC method)
IFSM
150
A
Maximum Instantaneous Forward Voltage at 3.0A DC
VF
1.3
V
Maximum DC Reverse Current
IR
10
µA
Maximum Reverse Recovery Time (Note 1)
Trr
Typical Junction Capacitance (Note 2)
CJ
Operating and Storage Temperature Range
TJ,TSTG
-65 to +175
°C
Notes:
1. Reverse Recovery Test Conditions: IF =0.5 A, IR =1.0 A, IRR =0.25 A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Mechanical Data
Features
400
600
280
420
400
600
V
V
V
Characteristic
Symbol
ns
50
pF
FAST RECOVERY RECTIFIER DIODES
!
!
!
!
!
!
!
!
!
!
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
1 of 2
www.sunmate.tw
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.


Similar Part No. - 30DF4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30DF4 NIEC-30DF4 Datasheet
23Kb / 2P
FRD SUPER FAST RECOVERY
logo
New Jersey Semi-Conduct...
30DF4 NJSEMI-30DF4 Datasheet
61Kb / 1P
Ultra-Fast Recovery
30DF4 NJSEMI-30DF4 Datasheet
61Kb / 1P
Rectifiers Ultra-Fast Recovery
More results

Similar Description - 30DF4

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR251G SUNMATE-FR251G Datasheet
310Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ES1Z SUNMATE-ES1Z Datasheet
307Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com