Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2953QML Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP2953QML
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953QML Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP2953QML Datasheet HTML 3Page - Texas Instruments LP2953QML Datasheet HTML 4Page - Texas Instruments LP2953QML Datasheet HTML 5Page - Texas Instruments LP2953QML Datasheet HTML 6Page - Texas Instruments LP2953QML Datasheet HTML 7Page - Texas Instruments LP2953QML Datasheet HTML 8Page - Texas Instruments LP2953QML Datasheet HTML 9Page - Texas Instruments LP2953QML Datasheet HTML 10Page - Texas Instruments LP2953QML Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LP2953QML, LP2953QML-SP
www.ti.com
SNVS395C – NOVEMBER 2010 – REVISED APRIL 2013
LP2953A Electrical Characteristics Dropout Detection Comparator Parameters
The following conditions apply, unless otherwise specified. VI = 6V, IL = 1mA, CL = 2.2µF, VO = 5V
Feedback pin is tied to 5V Tap pin. Output pin is tied to Output Sense Pin.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
1.0
µA
1
IOH
Output "High" Leakage
VOH = 30V
2.0
µA
2, 3
250
mV
1
VOL
Output "Low" Voltage
VI = 4V, IO Comp = 400µA
400
mV
2, 3
-320
-150
mV
1
VTh Max
Upper Threshold Voltage
See(1)
-380
-130
mV
2
-380
-120
mV
3
-450
-280
mV
1
VTh Min
Lower Threshold Voltage
See(1)
-640
-180
mV
2
-640
-155
mV
3
(1)
Comparator thresholds are expressed in terms of a voltage differential at the Feedback terminal below the nominal VRef measured at VI
= VO(Nom) + 1V. To express these thresholds in terms of output voltage change, multiply by the Error amplifier gain, which is VO/ VRef =
(R1 + R2)/R2 (refer to Figure 31).
LP2953A Electrical Characteristics SHUTDOWN Input Parameters
The following conditions apply, unless otherwise specified.
VI = 6V, IL = 1mA, CL = 2.2µF, VO = 5V
Feedback pin is tied to 5V Tap pin. Output pin is tied to Output Sense Pin.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
-7.5
7.5
mV
1
VIO
Input Offset Voltage
Referred to VRef
-10
10
mV
2
-12
12
mV
3
-30
30
nA
1
IIB
Input Bias Current
VI Comp = 0 to 5V
-50
50
nA
2
-75
75
nA
3
LP2953A Electrical Characteristics Auxillary Comparator Parameters
The following conditions apply, unless otherwise specified.
VI = 6V, IL = 1mA, CL = 2.2µF, VO = 5V
Feedback pin is tied to 5V Tap pin. Output pin is tied to Output Sense Pin.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
-7.5
7.5
mV
1
VIO
Input Offset Voltage
Referred to VRef
-10
10
mV
2
-12
12
mV
3
-30
30
nA
1
IIB
Input Bias Current
VI Comp = 0 to 5V
-50
50
nA
2
-75
75
nA
3
1.0
µA
1
IOH
Output "High" Leakage
VOH = 30V, VI Comp = 1.3V
2.0
µA
2
2.2
µA
3
250
mV
1
VOL
Output "Low" Voltage
VI Comp = 1.1V, IO Comp = 400µA
400
mV
2
420
mV
3
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP2953QML LP2953QML-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com