Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2953QML Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP2953QML
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953QML Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2953QML Datasheet HTML 5Page - Texas Instruments LP2953QML Datasheet HTML 6Page - Texas Instruments LP2953QML Datasheet HTML 7Page - Texas Instruments LP2953QML Datasheet HTML 8Page - Texas Instruments LP2953QML Datasheet HTML 9Page - Texas Instruments LP2953QML Datasheet HTML 10Page - Texas Instruments LP2953QML Datasheet HTML 11Page - Texas Instruments LP2953QML Datasheet HTML 12Page - Texas Instruments LP2953QML Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LP2953QML, LP2953QML-SP
www.ti.com
SNVS395C – NOVEMBER 2010 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified: VI = 6V, IL = 1 mA, CL = 2.2 μF, VSD = 3V, TA = 25°C, VO = 5V.
Quiescent Current
Quiescent Current
Figure 3.
Figure 4.
Ground Pin Current vs Load
Ground Pin Current
Figure 5.
Figure 6.
Ground Pin Current
Output Noise Voltage
Figure 7.
Figure 8.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP2953QML LP2953QML-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com