Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2953AMGW/883 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP2953AMGW/883
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953AMGW/883 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP2953AMGW/883 Datasheet HTML 11Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 12Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 13Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 14Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 15Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 16Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 17Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 18Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LP2953QML, LP2953QML-SP
www.ti.com
SNVS395C – NOVEMBER 2010 – REVISED APRIL 2013
Figure 30. Power Derating Curve for LP2953
Programming the Output Voltage
The regulator may be pin-strapped for 5V operation using its internal resistive divider by tying the Output and
Sense pins together and also tying the Feedback and 5V Tap pins together.
Alternatively, it may be programmed for any voltage between the 1.23V reference and the 30V maximum rating
using an external pair of resistors (see Figure 31). The complete equation for the output voltage is:
(2)
where VREF is the 1.23V reference and IFB is the Feedback pin bias current (−20 nA typical). The minimum
recommended load current of 1
μA sets an upper limit of 1.2 MΩ on the value of R2 in cases where the regulator
must work with no load (see Minimum Load). IFB will produce a typical 2% error in VO which can be eliminated at
room temperature by trimming R1. For better accuracy, choosing R2 = 100 k
Ω will reduce this error to 0.17%
while increasing the resistor program current to 12
μA. Since the typical quiescent current is 120 μA, this added
current is negligible.
* See Application Hints
** Drive with TTL-low to shut down
Figure 31. Adjustable Regulator
Dropout Voltage
The dropout voltage of the regulator is defined as the minimum input-to-output voltage differential required for the
output voltage to stay within 100 mV of the output voltage measured with a 1V differential. The dropout voltage is
independent of the programmed output voltage.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP2953QML LP2953QML-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com