Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2953AMGW/883 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP2953AMGW/883
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953AMGW/883 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP2953AMGW/883 Datasheet HTML 8Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 9Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 10Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 11Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 12Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 13Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 14Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 15Page - Texas Instruments LP2953AMGW/883 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LP2953QML, LP2953QML-SP
SNVS395C – NOVEMBER 2010 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VI = 6V, IL = 1 mA, CL = 2.2 μF, VSD = 3V, TA = 25°C, VO = 5V.
Feedback Bias Current
Feedback Pin Current
Figure 21.
Figure 22.
Error Output
Comparator Sink Current
Figure 23.
Figure 24.
Dropout Detection Comparator
Divider Resistance
Threshold Voltages
Figure 25.
Figure 26.
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP2953QML LP2953QML-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com