Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2982 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP2982
Description  Micropower Ultra-Low-Dropout LDO in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2982 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2982 Datasheet HTML 2Page - Texas Instruments LP2982 Datasheet HTML 3Page - Texas Instruments LP2982 Datasheet HTML 4Page - Texas Instruments LP2982 Datasheet HTML 5Page - Texas Instruments LP2982 Datasheet HTML 6Page - Texas Instruments LP2982 Datasheet HTML 7Page - Texas Instruments LP2982 Datasheet HTML 8Page - Texas Instruments LP2982 Datasheet HTML 9Page - Texas Instruments LP2982 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LP2982
SNVS128K – MARCH 2000 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP2982
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, VIN = VO(NOM) + 1 V, IL = 1 mA, COUT = 1 μF, VON/OFF = 2 V.
PARAMETER
TEST CONDITIONS
LP2982AI-XX(1)
LP2982I-XX(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
(3)
The ON/OFF inputs must be properly driven to prevent misoperation. For details, see Operation With ON/OFF Control.
(4)
See related curve(s) in Typical Characteristics section.
VON/OFF
ON/OFF input
voltage(3)
High = O/P ON
1.4
1.4
V
High = O/P ON
–40°C
≤ TJ ≤ 125°C
1.6
1.6
Low = O/P OFF
0.55
0.55
Low = O/P OFF
–40°C
≤ TJ ≤ 125°C
0.15
0.15
ION/OFF
ON/OFF input current
VON/OFF = 0 V
0.01
0.01
μA
VON/OFF = 0 V
–40°C
≤ TJ ≤ 125°C
–2
–2
VON/OFF = 5 V
5
5
VON/OFF = 5 V
–40°C
≤ TJ ≤ 125°C
15
15
IO(PK)
Peak output current
VOUT ≥ VO(NOM) − 5%
150
100
100
mA
en
Output noise voltage
(RMS)
BW = 300 Hz to 50 kHz
COUT = 10 μF
30
30
μV
ΔVO/ΔVIN Ripple rejection
ƒ = 1 kHz, COUT = 10 μF
45
45
dB
IO(MAX)
Short-circuit current
RL = 0 Ω (steady state)
(4)
150
150
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com