Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2982 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP2982
Description  Micropower Ultra-Low-Dropout LDO in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2982 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2982 Datasheet HTML 9Page - Texas Instruments LP2982 Datasheet HTML 10Page - Texas Instruments LP2982 Datasheet HTML 11Page - Texas Instruments LP2982 Datasheet HTML 12Page - Texas Instruments LP2982 Datasheet HTML 13Page - Texas Instruments LP2982 Datasheet HTML 14Page - Texas Instruments LP2982 Datasheet HTML 15Page - Texas Instruments LP2982 Datasheet HTML 16Page - Texas Instruments LP2982 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LP2982
www.ti.com
SNVS128K – MARCH 2000 – REVISED JUNE 2016
Product Folder Links: LP2982
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LP2982 is a 50-mA, fixed-output voltage regulator designed specifically to meet the requirements of battery-
powered applications. Available in assorted output voltages (refer to the package option addendum (POA) at the
back of this datasheet for the available voltage and package options), the device has an output tolerance of 1%
for the A grade (1.5% for the non-A version). Using a VIP process, the LP2982 contains these features to
facilitate battery-powered designs:
•
Fixed 5-V, 3.3-V, and 3-V output versions
•
Very high-accuracy 1.23-V reference
•
Low-dropout voltage, typical dropout of 120 mV at a 50-mA load current and 7 mV at 1-mA load
•
Low ground current, typically 375 μA at 50-mA load and 80 μA at 1-mA load
•
A sleep-mode feature is available, allowing the regulator to consume only 1 µA (typical) when the ON/OFF
pin is pulled low.
•
Overtemperature protection and overcurrent protection circuitry is designed to safeguard the device during
unexpected conditions.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Multiple Voltage Options
To meet the different application requirements, the LP2982 provides multiple fixed output options (see POA).
7.3.2 High-Accuracy Output Voltage
With special careful design to minimize all contributions to the output voltage error, the LP2982 distinguishes
itself as a very high-accuracy output voltage micropower LDO. This includes a tight initial tolerance (1% typical),
extremely good line regulation (0.007%/V typical), and a very low output voltage temperature coefficient, making
the device an ideal low-power voltage reference.
7.3.3 Ultra-Low-Dropout Voltage
Generally speaking, the dropout voltage often refers to the voltage difference between the input and output
voltage (VDO = VIN – VOUT), where the main current pass element (PNP) is fully on and is characterized by the
classic VCE(SAT) of the transistor. VDO indirectly specifies a minimum input voltage above the nominal
programmed output voltage at which the output voltage is expected to remain within its accuracy boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com