Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2983 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2983
Description  Micropower 150-mA Voltage Regulator in SOT-23 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2983 Datasheet(HTML) 5 Page - Texas Instruments

  LP2983 Datasheet HTML 1Page - Texas Instruments LP2983 Datasheet HTML 2Page - Texas Instruments LP2983 Datasheet HTML 3Page - Texas Instruments LP2983 Datasheet HTML 4Page - Texas Instruments LP2983 Datasheet HTML 5Page - Texas Instruments LP2983 Datasheet HTML 6Page - Texas Instruments LP2983 Datasheet HTML 7Page - Texas Instruments LP2983 Datasheet HTML 8Page - Texas Instruments LP2983 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
LP2983
www.ti.com
SNVS170D – OCTOBER 2001 – REVISED APRIL 2016
Product Folder Links: LP2983
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods. The limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
The ON/OFF inputs must be properly driven to prevent misoperation. For details, see Operation With ON/OFF Control.
6.5 Electrical Characteristics
Unless otherwise specified: TJ = 25°C, VIN = VO(NOM) + 1 V, IL = 1 mA, COUT = 1 μF, VON/OFF = 2 V.
PARAMETER
TEST CONDITIONS
LP2981AI-XX(1)
LP2981I-XX(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ΔVO
Output voltage
tolerance
−1%
1%
−1.5%
1.5%
1 mA < IL < 50 mA
–2%
2%
–2.5%
2.5
1 mA < IL < 50 mA
–40°C
≤ TJ ≤ 125°C
−2.5%
2.5%
−3.5%
3.5%
1 mA < IL < 150 mA
−2.5%
2.5%
−3%
3%
1 mA < IL < 150 mA
–40°C
≤ TJ ≤ 125°C
−3.5%
3.5%
−4%
4%
ΔVO/ΔVIN
Output voltage line
regulation
VO(NOM) + 1 V ≤ VIN ≤ 16 V
0.01
0.016
0.01
0.016
%/V
VO(NOM) + 1 V ≤ VIN ≤ 16 V
–40°C
≤ TJ ≤ 125°C
0.032
0.032
IGND
Ground pin current
IL = 0 mA
65
95
65
95
μA
IL = 0 mA, –40°C ≤ TJ ≤ 125°C
125
125
IL = 1 mA
75
110
75
110
IL = 1 mA, –40°C ≤ TJ ≤ 125°C
170
170
IL = 10 mA
120
220
120
220
IL = 10 mA, –40°C ≤ TJ ≤ 125°C
400
400
IL = 50 mA
300
500
300
500
IL = 50 mA, –40°C ≤ TJ ≤ 125°C
900
900
IL = 150 mA
825
1200
825
1500
IL = 150 mA, –40°C ≤ TJ ≤ 125°C
2000
2000
VON/OFF < 0.15 V
6
12
6
12
VON/OFF < 0.05 V
–40°C
≤ TJ ≤ 125°C
0.2
2
0.2
2
VIN (min)
Minimum VIN required
to maintain output
regulation
2.05
V
–40°C
≤ TJ ≤ 125°C
2.2
2.2
VON/OFF
ON/OFF input
voltage(2)
High = O/P ON
1.4
1.4
V
High = O/P ON
–40°C
≤ TJ ≤ 125°C
1.6
1.6
Low = O/P OFF
0.1
0.1
Low = O/P OFF
–40°C
≤ TJ ≤ 125°C
0.05
0.05
ION/OFF
ON/OFF input current
VON/OFF = 0 V
0.01
0.01
μA
VON/OFF = 0 V
–40°C
≤ TJ ≤ 125°C
–2
–2
VON/OFF = 5 V
5
5
VON/OFF = 5 V
–40°C
≤ TJ ≤ 125°C
15
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com