Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2983 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2983
Description  Micropower 150-mA Voltage Regulator in SOT-23 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2983 Datasheet(HTML) 1 Page - Texas Instruments

  LP2983 Datasheet HTML 1Page - Texas Instruments LP2983 Datasheet HTML 2Page - Texas Instruments LP2983 Datasheet HTML 3Page - Texas Instruments LP2983 Datasheet HTML 4Page - Texas Instruments LP2983 Datasheet HTML 5Page - Texas Instruments LP2983 Datasheet HTML 6Page - Texas Instruments LP2983 Datasheet HTML 7Page - Texas Instruments LP2983 Datasheet HTML 8Page - Texas Instruments LP2983 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
ON/OFF
ON/OFF
GND
IN
ESR
OUT
VOUT
VIN
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP2983
SNVS170D – OCTOBER 2001 – REVISED APRIL 2016
LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package
for Output Voltages
≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors
1
1 Features
1
•
Operating Input Supply Voltage: 2.2 V to 16 V
•
Output Current: 150 mA
•
Low ZOUT: 0.3 Ω Typical (10 Hz to 1 MHz)
•
Stable with Low-ESR Output Capacitor
•
Low Ground Pin Current at All Loads
•
Output Voltage Accuracy 1% (A Grade)
•
High Peak Current Capability
•
Wide Supply Voltage Range (16 V Maximum)
•
Overtemperature and Overcurrent Protection
•
−40°C to +125°C Junction Temperature Range
•
Requires Minimum External Components
2 Applications
•
Cellular Phones
•
Palmtop/Laptop Computers
•
Personal Digital Assistants (PDA)
•
Camcorders, Personal Stereos, Cameras
3 Description
The LP2983 is a 150-mA, fixed-output voltage
regulator designed to provide tight voltage regulation
in applications with output voltages
≤ 1.2 V.
Using an optimized vertically integrated PNP (VIP)
process, the LP2983 delivers unequaled performance
in all critical specifications:
•
Ground pin current: Typically 825 µA at a 150-mA
load, and 75 µA at a 1-mA load.
•
Enhanced stability: The LP2983 is stable with
output capacitor ESR down to zero, which allows
the use of ceramic capacitors on the output.
•
Precision output: 1% tolerance output voltages
available (A grade).
•
Smallest possible size: SOT-23 package uses
absolute minimum board space.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP2983
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
Typical Application


Similar Part No. - LP2983

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2983 NSC-LP2983 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2983 TI2-LP2983 Datasheet
700Kb / 26P
LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors
REVISED APRIL 2016
logo
National Semiconductor ...
LP2983AIM5-0.9 NSC-LP2983AIM5-0.9 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
LP2983AIM5-1.0 NSC-LP2983AIM5-1.0 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2983AIM5-1.0/NO.A TI2-LP2983AIM5-1.0/NO.A Datasheet
700Kb / 26P
LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors
REVISED APRIL 2016
More results

Similar Description - LP2983

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-3.3 TI-LP2981IM5-3.3 Datasheet
1Mb / 24P
LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5-33 TI1-LP2981AIM5-33 Datasheet
1Mb / 24P
LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981-N_15 TI-LP2981-N_15_15 Datasheet
1Mb / 29P
LP2981-N Micropower 100-mA Ultra-Low Dropout Regulator in SOT-23 Package
LP2982 TI-LP2982_15 Datasheet
1Mb / 21P
LP2982 Micropower 50 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com