Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2987 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2987
Description  Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2987 Datasheet(HTML) 2 Page - Texas Instruments

  LP2987 Datasheet HTML 1Page - Texas Instruments LP2987 Datasheet HTML 2Page - Texas Instruments LP2987 Datasheet HTML 3Page - Texas Instruments LP2987 Datasheet HTML 4Page - Texas Instruments LP2987 Datasheet HTML 5Page - Texas Instruments LP2987 Datasheet HTML 6Page - Texas Instruments LP2987 Datasheet HTML 7Page - Texas Instruments LP2987 Datasheet HTML 8Page - Texas Instruments LP2987 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1
2
3
4
8
7
6
5
BYPASS
DELAY
GROUND
INPUT
SENSE
OUTPUT
SHUTDOWN
ERROR
1
2
3
4
5
6
7
8
N/C
DELAY
INPUT
SENSE
OUTPUT
SHUTDOWN
ERROR
GROUND
LP2987, LP2988
SNVS004J – MARCH 1999 – REVISED APRIL 2013
www.ti.com
Connection Diagram (LP2987)
Figure 1. Top View
SOIC-8/VSSOP-8 Package
Surface Mount Packages
See Package Drawing Number D0008A/DGK0008A
Figure 2. Top View
8-Lead WSON Surface Mount Package
See Package Drawing Number NGN0008A
Connection Diagram (LP2988)
Figure 3. Top View
SOIC-8/VSSOP-8 Package
Surface Mount Packages
See Package Drawing Number D0008A/DGK0008A
Figure 4. Top View
8-Lead WSON Surface Mount Package
See Package Drawing Number NGN0008A
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2987 LP2988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com