Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2987 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2987
Description  Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2987 Datasheet(HTML) 1 Page - Texas Instruments

  LP2987 Datasheet HTML 1Page - Texas Instruments LP2987 Datasheet HTML 2Page - Texas Instruments LP2987 Datasheet HTML 3Page - Texas Instruments LP2987 Datasheet HTML 4Page - Texas Instruments LP2987 Datasheet HTML 5Page - Texas Instruments LP2987 Datasheet HTML 6Page - Texas Instruments LP2987 Datasheet HTML 7Page - Texas Instruments LP2987 Datasheet HTML 8Page - Texas Instruments LP2987 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LP2987, LP2988
www.ti.com
SNVS004J – MARCH 1999 – REVISED APRIL 2013
LP2987/LP2988 Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with
Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
Check for Samples: LP2987, LP2988
1
FEATURES
DESCRIPTION
The LP2987/8 are fixed-output 200 mA precision LDO
2
•
Ultra Low Dropout Voltage
voltage regulators with power-ON reset delay which
•
Power-ON Reset Delay Requires Only One
can be implemented using a single external capacitor.
Component
The LP2988 is specifically designed for noise-critical
•
Bypass Pin for Reduced Output Noise
applications. A single external capacitor connected to
(LP2988)
the Bypass pin reduces regulator output noise.
•
Specified Continuous Output Current 200 mA
Using an optimized VIP (Vertically Integrated PNP)
•
Specified Peak Output Current > 250 mA
process,
these
regulators
deliver
superior
•
SOIC-8 and VSSOP-8 Surface Mount Packages
performance:
•
<2
μA Quiescent Current when Shutdown
Dropout Voltage: 180 mV @ 200 mA load, and 1
•
Low Ground Pin Current at All Loads
mV @ 1 mA load (typical).
•
0.5% Output Voltage Accuracy (“A” Grade)
Ground Pin Current: 1 mA @ 200 mA load, and 200
μA @ 10 mA load (typical).
•
Wide Supply Voltage Range (16V Max)
•
Overtemperature/overcurrent Protection
Sleep Mode: The LP2987/8 draws less than 2
μA
quiescent current when shutdown pin is held low.
•
−40°C to +125°C Junction Temperature Range
Error Flag/Reset: The error flag goes low when the
APPLICATIONS
output drops approximately 5% below nominal. This
pin also provides a power-ON reset signal if a
•
Cellular Phone
capacitor is connected to the DELAY pin.
•
Palmtop/Laptop Computer
Precision Output: Standard product versions of the
•
Camcorder, Personal Stereo, Camera
LP2987 and LP2988 are available with output
voltages of 5.0V, 3.8V, 3.3V, 3.2V, 3.0V, or 2.8V, with
specified accuracy of 0.5% (“A” grade) and 1%
(standard grade) at room temperature.
Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2987

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2987 NSC-LP2987 Datasheet
562Kb / 24P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
LP2987AIM-2.8 NSC-LP2987AIM-2.8 Datasheet
562Kb / 24P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
LP2987AIM-3.0 NSC-LP2987AIM-3.0 Datasheet
562Kb / 24P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
LP2987AIM-3.2 NSC-LP2987AIM-3.2 Datasheet
562Kb / 24P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
LP2987AIM-3.3 NSC-LP2987AIM-3.3 Datasheet
562Kb / 24P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
More results

Similar Description - LP2987

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
Micropower 100 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
Micropower 50 mA Ultra Low-Dropout Regulator
LP2986 NSC-LP2986 Datasheet
412Kb / 14P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
logo
Texas Instruments
LP2986AIM-5.0 TI-LP2986AIM-5.0 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986ILD-3.3 TI-LP2986ILD-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI-LP2986_15 Datasheet
1Mb / 33P
LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI1-LP2986 Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com