Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LP2986 Datasheet PDF - National Semiconductor (TI)
Part # LP2986
Download  LP2986 Download
File Size   412.3 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator

LP2986 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2986 Datasheet PDF - National Semiconductor (TI)

Part # LP2986
Download  LP2986 Click to download

File Size   412.3 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator

LP2986 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LP2986

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2986 TI-LP2986 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI1-LP2986 Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILD-3.3 TI-LP2986AILD-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILD-3.3 TI-LP2986AILD-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILD-3.3/NOPB TI1-LP2986AILD-3.3/NOPB Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
More results


Similar Description - LP2986

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
Micropower 100 mA Ultra Low-Dropout Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2986AIM-5.0 TI-LP2986AIM-5.0 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986ILD-3.3 TI-LP2986ILD-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI-LP2986_15 Datasheet
1Mb / 33P
LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI1-LP2986 Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com