Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2986
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2986 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2986 Datasheet HTML 1Page - National Semiconductor (TI) LP2986 Datasheet HTML 2Page - National Semiconductor (TI) LP2986 Datasheet HTML 3Page - National Semiconductor (TI) LP2986 Datasheet HTML 4Page - National Semiconductor (TI) LP2986 Datasheet HTML 5Page - National Semiconductor (TI) LP2986 Datasheet HTML 6Page - National Semiconductor (TI) LP2986 Datasheet HTML 7Page - National Semiconductor (TI) LP2986 Datasheet HTML 8Page - National Semiconductor (TI) LP2986 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Basic Application Circuits (Continued)
Ordering Information
TABLE 1. Package Marking and Ordering Information
Output Voltage
Grade
Order Information
Package Marking
Supplied as:
5
A
LP2986AIMMX-5.0
L41A
3.5k Units on Tape and Reel
5
A
LP2986AIMM-5.0
L41A
250 Units on Tape and Reel
5
STD
LP2986IMMX-5.0
L41B
3.5k Units on Tape and Reel
5
STD
LP2986IMM-5.0
L41B
250 Units on Tape and Reel
3.3
A
LP2986AIMMX-3.3
L40A
3.5k Units on Tape and Reel
3.3
A
LP2986AIMM-3.3
L40A
250 Units on Tape and Reel
3.3
STD
LP2986IMMX-3.3
L40B
3.5k Units on Tape and Reel
3.3
STD
LP2986IMM-3.3
L40B
250 Units on Tape and Reel
3.0
A
LP2986AIMMX-3.0
L39A
3.5k Units on Tape and Reel
3.0
A
LP2986AIMM-3.0
L39A
250 Units on Tape and Reel
3.0
STD
LP2986IMMX-3.0
L39B
3.5k Units on Tape and Reel
3.0
STD
LP2986IMM-3.0
L39B
250 Units on Tape and Reel
5
A
LP2986AIMX-5.0
2986AIM5.0
2.5k Units on Tape and Reel
5
A
LP2986AIM-5.0
2986AIM5.0
Shipped in Anti-Static Rails
5
STD
LP2986IMX-5.0
2986IM5.0
2.5k Units on Tape and Reel
5
STD
LP2986IM-5.0
2986IM5.0
Shipped in Anti-Static Rails
3.3
A
LP2986AIMX-3.3
2986AIM3.3
2.5k Units on Tape and Reel
3.3
A
LP2986AIM-3.3
2986AIM3.3
Shipped in Anti-Static Rails
3.3
STD
LP2986IMX-3.3
2986IM3.3
2.5k Units on Tape and Reel
3.3
STD
LP2986IM-3.3
2986IM3.3
Shipped in Anti-Static Rails
3.0
A
LP2986AIMX-3.0
2986AIM3.0
2.5k Units on Tape and Reel
3.0
A
LP2986AIM-3.0
2986AIM3.0
Shipped in Anti-Static Rails
3.0
STD
LP2986IMX-3.0
2986IM3.0
2.5k Units on Tape and Reel
3.0
STD
LP2986IM-3.0
2986IM3.0
Shipped in Anti-Static Rails
Application Using External Divider
DS012935-4
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com