Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2986
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2986 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2986 Datasheet HTML 1Page - National Semiconductor (TI) LP2986 Datasheet HTML 2Page - National Semiconductor (TI) LP2986 Datasheet HTML 3Page - National Semiconductor (TI) LP2986 Datasheet HTML 4Page - National Semiconductor (TI) LP2986 Datasheet HTML 5Page - National Semiconductor (TI) LP2986 Datasheet HTML 6Page - National Semiconductor (TI) LP2986 Datasheet HTML 7Page - National Semiconductor (TI) LP2986 Datasheet HTML 8Page - National Semiconductor (TI) LP2986 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP2986
Micropower, 200 mA Ultra Low-Dropout Fixed or
Adjustable Voltage Regulator
General Description
The LP2986 is a 200 mA precision LDO voltage regulator
which offers the designer a higher performance version of
the industry standard LP2951.
Using an optimized VIP(Vertically Integrated PNP) pro-
cess, the LP2986 delivers superior performance:
Dropout Voltage: Typically 180 mV @ 200 mA load, and 1
mV @ 1 mA load.
Ground Pin Current: Typically 1 mA @ 200 mA load, and
200 µA @ 10 mA load.
Sleep Mode: The LP2986 draws less than 1 µA quiescent
current when shutdown pin is pulled low.
Error Flag: The built-in error flag goes low when the output
drops approximately 5% below nominal.
Precision Output: The standard product versions available
can be pin-strapped (using the internal resistive divider) to
provide output voltages of 5.0V, 3.3V, or 3.0V with guaran-
teed accuracy of 0.5% (“A” grade) and 1% (standard grade)
at room temperature.
Features
n Ultra low dropout voltage
n Guaranteed 200 mA output current
n SO-8 and mini-SO8 surface mount packages
n <1 µA quiescent current when shutdown
n Low ground pin current at all loads
n 0.5% output voltage accuracy (“A” grade)
n High peak current capability (400 mA typical)
n Wide supply voltage range (16V max)
n Overtemperature/overcurrent protection
n −40˚C to +125˚C junction temperature range
Applications
n Cellular Phone
n Palmtop/Laptop Computer
n Camcorder, Personal Stereo, Camera
Block Diagram
VIPis a trademark of National Semiconductor Corporation.
DS012935-1
March 1999
© 1999 National Semiconductor Corporation
DS012935
www.national.com


Similar Part No. - LP2986

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2986 TI-LP2986 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI1-LP2986 Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILD-3.3 TI-LP2986AILD-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILD-3.3 TI-LP2986AILD-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILD-3.3/NOPB TI1-LP2986AILD-3.3/NOPB Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
More results

Similar Description - LP2986

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
Micropower 100 mA Ultra Low-Dropout Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2986AIM-5.0 TI-LP2986AIM-5.0 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986ILD-3.3 TI-LP2986ILD-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI-LP2986_15 Datasheet
1Mb / 33P
LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI1-LP2986 Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com