Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LP2986 Datasheet PDF - Texas Instruments
Part # LP2986
Download  LP2986 Download
File Size   1249.52 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator

LP2986 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2986 Datasheet PDF - Texas Instruments

Part # LP2986
Download  LP2986 Click to download

File Size   1249.52 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator

LP2986 Datasheet (HTML) - Texas Instruments




Similar Part No. - LP2986

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2986 NSC-LP2986 Datasheet
412Kb / 14P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
logo
Texas Instruments
LP2986 TI1-LP2986 Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILD-3.3 TI-LP2986AILD-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILD-3.3/NOPB TI1-LP2986AILD-3.3/NOPB Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILDX-3.3 TI-LP2986AILDX-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
More results


Similar Description - LP2986

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
Micropower 100 mA Ultra Low-Dropout Regulator
LP2986 NSC-LP2986 Datasheet
412Kb / 14P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2986ILD-3.3 TI-LP2986ILD-3.3 Datasheet
1Mb / 26P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI-LP2986_15 Datasheet
1Mb / 33P
LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI1-LP2986 Datasheet
1Mb / 33P
Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com