Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP2986
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986 Datasheet(HTML) 3 Page - Texas Instruments

  LP2986 Datasheet HTML 1Page - Texas Instruments LP2986 Datasheet HTML 2Page - Texas Instruments LP2986 Datasheet HTML 3Page - Texas Instruments LP2986 Datasheet HTML 4Page - Texas Instruments LP2986 Datasheet HTML 5Page - Texas Instruments LP2986 Datasheet HTML 6Page - Texas Instruments LP2986 Datasheet HTML 7Page - Texas Instruments LP2986 Datasheet HTML 8Page - Texas Instruments LP2986 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
using:
The value of
θJ−A for the SOIC-8 package is 160°C/W, and the VSSOP-8 package is 200°C/W. The value
LP2986
www.ti.com
SNVS137H – MARCH 1999 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +125°C
Lead Temperature (Soldering, 5 seconds)
260°C
ESD Rating(3)
2 kV
Power Dissipation(4)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +16V
Input Supply Voltage (Operating)
2.1V to +16V
Shutdown Pin
−0.3V to +16V
Feedback Pin
−0.3V to +5V
Output Voltage (Survival)(5)
−0.3V to +16V
IOUT (Survival)
Short Circuit Protected
Input-Output Voltage (Survival)(6)
−0.3V to +16V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The ESD rating of the Feedback pin is 500V. The ESD rating of the VIN pin is 1kV and the Tap pin is 1.5 kV.
(4)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJ−A, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
θJ−A for the WSON package is specifically dependent on PCB trace area, trace material, and the number of layers and thermal vias. For
improved thermal resistance and power dissipation for the WSON package, refer to Application Note AN-1187. Exceeding the maximum
allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown.
(5)
If used in a dual-supply system where the regulator load is returned to a negative supply, the LM2986 output must be diode-clamped to
ground.
(6)
The output PNP structure contains a diode between the V IN and VOUT terminals that is normally reverse-biased. Forcing the output
above the input will turn on this diode and may induce a latch-up mode which can damage the part (see Application Hints).
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com