Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP2986
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2986 Datasheet HTML 10Page - Texas Instruments LP2986 Datasheet HTML 11Page - Texas Instruments LP2986 Datasheet HTML 12Page - Texas Instruments LP2986 Datasheet HTML 13Page - Texas Instruments LP2986 Datasheet HTML 14Page - Texas Instruments LP2986 Datasheet HTML 15Page - Texas Instruments LP2986 Datasheet HTML 16Page - Texas Instruments LP2986 Datasheet HTML 17Page - Texas Instruments LP2986 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LP2986
SNVS137H – MARCH 1999 – REVISED APRIL 2013
www.ti.com
WSON MOUNTING
The LDC08A (Pullback) 8-Lead WSON package requires specific mounting techniques which are detailed in
Application Note AN-1187. Referring to the section PCB Design Recommendations in AN-1187 (Page 5), it
should be noted that the pad style which should be used with this WSON package is the NSMD (non-solder
mask defined) type. Additionally, for optimal reliability, there is a recommended 1:1 ratio between the package
pad and the PCB pad for the Pullback WSON.
The thermal dissipation of the WSON package is directly related to the printed circuit board construction and the
amount of additional copper area connected to the DAP.
The DAP (exposed pad) on the bottom of the WSON package is connected to the die substrate with a conductive
die attach adhesive. The DAP has no direct electrical (wire) connection to any of the eight pins. There is a
parasitic PN junction between the die substrate and the device ground. As such, it is strongly recommend that
the DAP be connected directly to the ground at device lead 1 (i.e. GROUND). Alternately, but not recommended,
the DAP may be left floating (i.e. no electrical connection). The DAP must not be connected to any potential
other than ground.
For the LP2986 in the NGN0008A 8-Lead WSON package, the junction-to-case thermal rating (
θJC) is 7.2°C/W,
where the 'case' is on the bottom of the package at the center of the DAP.
The junction-to-ambient thermal performance for the LP2986 in the NGN0008A 8-Lead WSON package, using
the JEDEC JESD51 standards is summarized in the following table:
Board Type
Thermal Vias
θJC
θJA
JEDEC 2-Layer
None
7.2°C/W
184°C/W
JESD 51-3
1
7.2°C/W
64°C/W
2
7.2°C/W
55°C/W
JEDEC 4-Layer
JESD 51-7
4
7.2°C/W
46°C/W
6
7.2°C/W
43°C/W
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com