Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP2986
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP2986 Datasheet HTML 18Page - Texas Instruments LP2986 Datasheet HTML 19Page - Texas Instruments LP2986 Datasheet HTML 20Page - Texas Instruments LP2986 Datasheet HTML 21Page - Texas Instruments LP2986 Datasheet HTML 22Page - Texas Instruments LP2986 Datasheet HTML 23Page - Texas Instruments LP2986 Datasheet HTML 24Page - Texas Instruments LP2986 Datasheet HTML 25Page - Texas Instruments LP2986 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LP2986AIMX-3.0/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LP2986AIMX-3.3/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LP2986AIMX-5.0
SOIC
D
8
2500
367.0
367.0
35.0
LP2986AIMX-5.0/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LP2986ILD-3.3/NOPB
WSON
NGN
8
1000
213.0
191.0
55.0
LP2986ILDX-3.3/NOPB
WSON
NGN
8
4500
367.0
367.0
35.0
LP2986IMM-3.0/NOPB
VSSOP
DGK
8
1000
210.0
185.0
35.0
LP2986IMM-3.3
VSSOP
DGK
8
1000
210.0
185.0
35.0
LP2986IMM-3.3/NOPB
VSSOP
DGK
8
1000
210.0
185.0
35.0
LP2986IMM-5.0/NOPB
VSSOP
DGK
8
1000
210.0
185.0
35.0
LP2986IMMX-3.0/NOPB
VSSOP
DGK
8
3500
367.0
367.0
35.0
LP2986IMMX-3.3/NOPB
VSSOP
DGK
8
3500
367.0
367.0
35.0
LP2986IMMX-5.0/NOPB
VSSOP
DGK
8
3500
367.0
367.0
35.0
LP2986IMX-3.0/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LP2986IMX-3.3/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LP2986IMX-5.0
SOIC
D
8
2500
367.0
367.0
35.0
LP2986IMX-5.0/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com