Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2997 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP2997
Description  DDR-II Termination Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2997 Datasheet(HTML) 4 Page - Texas Instruments

  LP2997 Datasheet HTML 1Page - Texas Instruments LP2997 Datasheet HTML 2Page - Texas Instruments LP2997 Datasheet HTML 3Page - Texas Instruments LP2997 Datasheet HTML 4Page - Texas Instruments LP2997 Datasheet HTML 5Page - Texas Instruments LP2997 Datasheet HTML 6Page - Texas Instruments LP2997 Datasheet HTML 7Page - Texas Instruments LP2997 Datasheet HTML 8Page - Texas Instruments LP2997 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
0
1
2
3
4
5
6
VDDQ (V)
0
0.5
1
1.5
2
2.5
3
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
50
100
150
200
250
300
350
400
0
oC
125
oC
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
0.5
1
1.5
2
2.5
3
3.5
4
0
1
2
3
4
5
6
VDDQ (V)
0
0.5
1
1.5
2
2.5
3
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
50
100
150
200
250
300
350
400
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
0
150
300
450
600
750
900
1050
LP2997
SNVS295F – MAY 2004 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Iq vs AVIN in SD
Iq vs AVIN
Figure 4.
Figure 5.
VIH and VIL
VREF vs VDDQ
Figure 6.
Figure 7.
VTT vs VDDQ
Iq vs AVIN in SD Temperature
Figure 8.
Figure 9.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP2997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com