Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2997 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP2997
Description  DDR-II Termination Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2997 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP2997 Datasheet HTML 4Page - Texas Instruments LP2997 Datasheet HTML 5Page - Texas Instruments LP2997 Datasheet HTML 6Page - Texas Instruments LP2997 Datasheet HTML 7Page - Texas Instruments LP2997 Datasheet HTML 8Page - Texas Instruments LP2997 Datasheet HTML 9Page - Texas Instruments LP2997 Datasheet HTML 10Page - Texas Instruments LP2997 Datasheet HTML 11Page - Texas Instruments LP2997 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
V
TT
LP2997
PV
IN
V DD
Q
V
REF
AV
IN
V
REF = 0.9V
V
SENSE
GND
+
+
+
AV
IN = 2.5V
V
TT = 0.9V
SD
SD
V DD
Q
= 1.8V
7 P F
0.01 PF
P
22
0
F
LP2997
SNVS295F – MAY 2004 – REVISED APRIL 2013
www.ti.com
Additional improvements can be made by the judicious use of vias to connect the part and dissipate heat to an
internal ground plane. Using larger traces and more copper on the top side of the board can also help. With
careful layout it is possible to reduce the
θJA further than the nominal values shown in Figure 13.
Optimizing the
θJA and placing the LP2997 in a section of a board exposed to lower ambient temperature allows
the part to operate with higher power dissipation. The internal power dissipation can be calculated by summing
the three main sources of loss: output current at VTT, either sinking or sourcing, and quiescent current at AVIN
and VDDQ. During the active state (when shutdown is not held low) the total internal power dissipation can be
calculated from the following equations:
PD = PAVIN + PVDDQ + PVTT
(3)
Where,
PAVIN = IAVIN * VAVIN
(4)
PVDDQ = VVDDQ * IVDDQ = VVDDQ2 x RVDDQ
(5)
To calculate the maximum power dissipation at VTT both conditions at VTT need to be examined, sinking and
sourcing current. Although only one equation will add into the total, VTT cannot source and sink current
simultaneously.
PVTT = VVTT x ILOAD (Sinking) or
(6)
PVTT = ( VPVIN - VVTT) x ILOAD (Sourcing)
(7)
The power dissipation of the LP2997 can also be calculated during the shutdown state. During this condition the
output VTT will tri-state, therefore that term in the power equation will disappear as it cannot sink or source any
current (leakage is negligible). The only losses during shutdown will be the reduced quiescent current at AVIN
and the constant impedance that is seen at the VDDQ pin.
PD = PAVIN + PVDDQ
(8)
PAVIN = IAVIN x VAVIN
(9)
PVDDQ = VVDDQ * IVDDQ = VVDDQ2 x RVDDQ
(10)
Typical Application Circuits
Several different application circuits have been shown to illustrate some of the options that are possible in
configuring the LP2997. Graphs of the individual circuit performance can be found in the Typical Performance
Characteristics section in the beginning of the datasheet. These curves illustrate how the maximum output
current is affected by changes in AVIN and PVIN.
Figure 14 shows the recommended circuit configuration for DDR-II applications. The output stage is connected to
the 1.8V rail and the AVIN pin can be connected to either a 2.5V, 3.3V or 5V rail.
This circuit permits termination in a minimum amount of board space and component count. Capacitor selection
can be varied depending on the number of lines terminated and the maximum load transient. However, with
motherboards and other applications where VTT is distributed across a long plane it is advisable to use multiple
bulk capacitors and addition to high frequency decoupling. The bulk output capacitors should be situated at both
ends of the VTT plane for optimal placement. Large aluminum electrolytic capacitors are used for their low ESR
and low cost.
Figure 14. Recommended DDR-II Termination
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP2997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com