Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3872 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3872
Description  1.5-A Fast Ultra-Low-Dropout Linear Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3872 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3872 Datasheet HTML 2Page - Texas Instruments LP3872 Datasheet HTML 3Page - Texas Instruments LP3872 Datasheet HTML 4Page - Texas Instruments LP3872 Datasheet HTML 5Page - Texas Instruments LP3872 Datasheet HTML 6Page - Texas Instruments LP3872 Datasheet HTML 7Page - Texas Instruments LP3872 Datasheet HTML 8Page - Texas Instruments LP3872 Datasheet HTML 9Page - Texas Instruments LP3872 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TEMPERATURE (
oC)
-40
-20
0
20
40
60
80
100 125
0.001
0.01
0.1
1
10
JUNCTION TEMPERATURE (
oC)
-40 -20
0
20
40
60
80 100 125
0
2
4
6
8
10
12
14
1.8
2.3
2.8
3.3
3.8
4.3
5.0
OUTPUT VOLTAGE (V)
0
1
2
3
4
5
6
0
0.5
1
1.5
0
100
200
300
400
500
600
OUTPUT LOAD CURRENT (A)
25
o
C
-40
o C
12
5
o
C
LP3872, LP3875
SNVS227H – FEBRUARY 2003 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, VIN = VO(NOM) + 1 V, IL = 10 mA, COUT = 10 µF, VSD = 2 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
AC PARAMETERS
VIN = VOUT + 1 V, COUT = 10 µF
73
VOUT = 3.3 V, f = 120 Hz
PSRR
Ripple rejection
dB
VIN = VOUT + 0.5 V, COUT = 10 µF
57
VOUT = 3.3 V, f = 120 Hz
ρn(l/f)
Output noise density
f = 120 Hz
0.8
µV
BW = 10 Hz – 100 kHz, VOUT = 2.5 V
150
µV
en
Output noise voltage
(rms)
BW = 300 Hz – 300 kH, VOUT = 2.5 V
100
6.6 Typical Characteristics
Unless otherwise specified: TJ = 25°C, COUT = 10 µF, CIN = 10 µF, SD pin is tied to VIN, VOUT = 2.5 V, VIN = VO(NOM) + 1 V, IL =
10 mA
Figure 1. Dropout Voltage vs Output Load Current
Figure 2. Ground Current vs Output Voltage
IL = 1.5 A
Figure 4. Errorflag Threshold vs Junction Temperature
Figure 3. Shutdown IQ vs Junction Temperature
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3872 LP3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com