Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3872 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3872
Description  1.5-A Fast Ultra-Low-Dropout Linear Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3872 Datasheet(HTML) 1 Page - Texas Instruments

  LP3872 Datasheet HTML 1Page - Texas Instruments LP3872 Datasheet HTML 2Page - Texas Instruments LP3872 Datasheet HTML 3Page - Texas Instruments LP3872 Datasheet HTML 4Page - Texas Instruments LP3872 Datasheet HTML 5Page - Texas Instruments LP3872 Datasheet HTML 6Page - Texas Instruments LP3872 Datasheet HTML 7Page - Texas Instruments LP3872 Datasheet HTML 8Page - Texas Instruments LP3872 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP3872, LP3875
SNVS227H – FEBRUARY 2003 – REVISED JANUARY 2015
LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
1 Features
3 Description
The LP387x series of fast ultra low-dropout linear
1
•
Input Voltage Range: 2.5 V to 7 V
regulators operate from a 2.5-V to 7-V input supply.
•
Ultra Low-Dropout Voltage
Wide range of preset output voltage options are
•
Low Ground Pin Current
available. These ultra low-dropout linear regulators
respond very quickly to step changes in load, which
•
Load Regulation of 0.06%
makes them suitable for low-voltage microprocessor
•
10-nA Quiescent Current in Shutdown Mode
applications. The LP3872 and LP3875 are developed
•
Ensured Output Current of 1.5-A DC
on a CMOS process which allows low quiescent
current operation independent of output load current.
•
Available in DDPAK/TO-263, TO-220, and
This CMOS process also allows the LP3872 and
SOT-223 Packages
LP3875 to operate under extremely low dropout
•
Output Voltage Accuracy ± 1.5%
conditions.
•
ERROR Flag for Output Status
Dropout Voltage: Ultra low-dropout voltage; typically
•
Sense Option Improves Load Regulation
38 mV at 150-mA load current and 380 mV at 1.5-A
•
Minimum Output Capacitor Requirements
load current.
•
Overtemperature/Overcurrent Protection
Ground Pin Current: Typically 6 mA at 1.5-A load
•
−40°C to 125°C Junction Temperature Range
current.
Shutdown Mode: Typically 10-nA quiescent current
2 Applications
when the SD pin is pulled low.
•
Microprocessor Power Supplies
ERROR Flag: ERROR flag goes low when the output
•
GTL, GTL+, BTL, and SSTL Bus Terminators
voltage drops 10% below nominal value (LP3872
•
Power Supplies for DSPs
only).
•
SCSI Terminators
SENSE: Sense pin improves regulation at remote
•
Post Regulators
loads (LP3875 only).
•
High Efficiency Linear Regulators
Precision Output Voltage: Multiple output voltage
options are available ranging from 1.8 V to 5 V with a
•
Battery Chargers
specified accuracy of ±1.5% at room temperature,
•
Other Battery-Powered Applications
and ±3.0% over all conditions (varying line, load, and
space
temperature).
space
Device Information(1)
space
PART NUMBER
PACKAGE
BODY SIZE (NOM)
space
SOT-223 (5)
6.50 mm × 3.56 mm
space
LP3872
TO-263 (5)
10.16 mm × 8.42 mm
LP3872 Typical Application Circuit
SOT-223 (5)
6.50 mm × 3.56 mm
LP3875
TO-263 (5)
10.16 mm × 8.42 mm
TO-220 (5)
14.986 mm × 10.16 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
LP3875 Typical Application Circuit
*SD and ERROR pins must be pulled high
through a 10-k
Ω pullup resistor. Connect
the ERROR pin to ground if this function is
not used. See the Shutdown Mode and
ERROR Flag Operation sections.
*SD must be pulled high through a 10-k
Ω
pullup resistor. See the Shutdown Mode
section.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP3872

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3872EMP-1.8 NSC-LP3872EMP-1.8 Datasheet
742Kb / 18P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3872EMP-1.8/NOPB TI1-LP3872EMP-1.8/NOPB Datasheet
2Mb / 25P
LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3872EMP-2.5 NSC-LP3872EMP-2.5 Datasheet
742Kb / 18P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3872EMP-2.5/NOPB TI1-LP3872EMP-2.5/NOPB Datasheet
2Mb / 25P
LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3872

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
800mA Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3852 TI-LP3852_15 Datasheet
2Mb / 32P
1.5-A Fast Response Ultra-Low Dropout Linear Regulators
LP3871 TI-LP3871_15 Datasheet
1Mb / 26P
LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
LP3872 TI-LP3872_15 Datasheet
2Mb / 28P
LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
3A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com