Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3882 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3882
Description  1.5A Fast-Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3882 Datasheet(HTML) 2 Page - Texas Instruments

  LP3882 Datasheet HTML 1Page - Texas Instruments LP3882 Datasheet HTML 2Page - Texas Instruments LP3882 Datasheet HTML 3Page - Texas Instruments LP3882 Datasheet HTML 4Page - Texas Instruments LP3882 Datasheet HTML 5Page - Texas Instruments LP3882 Datasheet HTML 6Page - Texas Instruments LP3882 Datasheet HTML 7Page - Texas Instruments LP3882 Datasheet HTML 8Page - Texas Instruments LP3882 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
GND
VIN
S/D
1
2
3
4
8
7
6
5
VBIAS
GND
VOUT
N/C
GND
VOUT
LP3882
SNVS226F – MARCH 2003 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
Figure 1. 5-Pin TO-220, Top View
Figure 2. 5-Pin DDPAK/TO-263, Top View
See NDH0005D Package
See KTT0005B Package
Figure 3. 8-Pin SO PowerPad, Top View
See DDA0008D Package
White Space
White Space
White Space
BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com