Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3882 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3882
Description  1.5A Fast-Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3882 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3882 Datasheet HTML 7Page - Texas Instruments LP3882 Datasheet HTML 8Page - Texas Instruments LP3882 Datasheet HTML 9Page - Texas Instruments LP3882 Datasheet HTML 10Page - Texas Instruments LP3882 Datasheet HTML 11Page - Texas Instruments LP3882 Datasheet HTML 12Page - Texas Instruments LP3882 Datasheet HTML 13Page - Texas Instruments LP3882 Datasheet HTML 14Page - Texas Instruments LP3882 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
30
80
130
180
0
0.5
1.5
COPPER AREA (sq. in.)
1
LP3882
www.ti.com
SNVS226F – MARCH 2003 – REVISED APRIL 2013
HEATSINKING PSOP PACKAGE
Heatsinking for the SO PowerPad package is accomplished by allowing heat to flow through the ground slug on
the bottom of the package into the copper on the PC board. The heat slug must be soldered down to a copper
plane to get good heat transfer. It can also be connected through vias to internal copper planes. Since the heat
slug is at ground potential, traces must not be routed under it which are not at ground potential. Under all
possible conditions, the junction temperature must be within the range specified under operating conditions.
Figure 23 shows a curve for the
θJA of the PSOP package for different copper area sizes using a typical PCB
with one ounce copper in still air.
Figure 23.
θJA vs. Copper (1 ounce) Area for PSOP Package
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com