Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918TL-A/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP3918TL-A/NOPB
Description  Battery Charge Management and Regulator Unit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3918TL-A/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3918TL-A/NOPB Datasheet HTML 11Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 12Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 13Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 14Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 15Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 16Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 17Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 18Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
LP3918
www.ti.com
SNVS476D – AUGUST 2007 – REVISED MAY 2013
8h'05
2.7
2.7
2.7
2.7
2.7
2.7
2.7
8h'06
2.75
2.75
2.75
2.75
2.75
2.75
2.75
8h'07
2.8
2.8
2.8
2.8
2.8
2.8
2.8
8h'08
2.85
2.85
2.85
2.85
2.85
2.85
2.85
8h'09
2.9
2.9
2.9
2.9
2.9
2.9
2.9
8h'0A
2.95
2.95
2.95
2.95
2.95
2.95
2.95
8h'0B
3.0
3.0
3.0
3.0
3.0
3.0
3.0
8h'0C
3.05
3.05
3.05
3.05
3.05
3.05
3.05
8h'0D
3.1
3.1
3.1
3.1
8h'0E
3.2
3.2
3.2
3.2
8h'0F
3.3
3.3
3.3
3.3
Charger Control Register 2
Note that Bits 7,6,5 are not used and must be set to 0 during write to this register.
CHARGER CURRENT PROGRAMMING
The following table summarizes the supported charging current values for the LP3918.
Default charge current after startup is highlighted in bold
Table 4. LP3918 Charger Current Programming
Address
Register ID
Current Selection Prog_ICHG<4..0> Bit 0 to Bit 4
00000
00001
00010
00011
00100
00101
00110
8h'11
CHGCNTL2
50mA
100mA
150mA
200mA
250mA
300mA
350mA
Address
Register ID
Current Selection Prog_ICHG<4..0> Bit 0 to Bit 4
00111
01000
01001
01010
01011
01100
01101
8h'11
CHGCNTL2
400mA
450mA
500mA
550mA
600mA
650mA
700mA
Address
Register ID
Current Selection Prog_ICHG<4..0> Bit 0 to Bit 4
01110
01111
10000
10001
10010
8h'11
CHGCNTL2
750mA
800mA
850mA
900mA
950mA
Charger Control Register 3
CHARGER TERMINATION VOLTAGE PROGRAMMING
Table 5. LP3918 Charger Termination Voltage Control
Address
Register ID
VTERM Selection Bits
VTERM[1]
VTERM[0]
Termination Voltage(V)
CHGCNTL3<5>
CHGCNTL3<4>
0
0
4.1
8h'12
CHGCNTL3
0
1
4.2 (Default)
1
0
4.3
1
1
4.4
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com