Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918TL-A/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP3918TL-A/NOPB
Description  Battery Charge Management and Regulator Unit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3918TL-A/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP3918TL-A/NOPB Datasheet HTML 18Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 19Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 20Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 21Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 22Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 23Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 24Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 25Page - Texas Instruments LP3918TL-A/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
LP3918
SNVS476D – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Programming Information
Table 9. Register Address 8h'10: CHGCNTL1
BIT
NAME
FUNCTION
2
En_EOC
Enables the End Of Charge current level threshold detection.
When set to '0' the EOC is disabled.
The End Of Charge current threshold default setting is at 0.1C. This EOC value is set relative to C the set full
rate constant current. This threshold can be set to 0.1C, 0.15C, 0.2C or 0.25C bychanging the contents of the
PROG_EOC[1:0] register bits.
Table 10. Register Address 8h'12: CHGCNTL3
BIT
NAME
FUNCTION
2
Prog_EOC[0]
Set the End Of Charge Current.
See Table 8
3
Prog_EOC[1]
CHARGER FULL RATE CURRENT
Programming Information
Table 11. Register Address 8h'11: CHGCNTL2
Data BITs
HEX
NAME
FUNCTION
000[00000]
00
Prog_ICHG
50mA
000[00001]
01
100mA
000[00010]
02
150mA
000[00011]
03
200mA
000[00100]
04
250mA
000[00101]
05
300mA
000[00110]
06
350mA
000[00111]
07
400mA
000[01000]
08
450mA
000[01001]
09
500mA
000[01010]
0A
550mA
000[01011]
0B
600mA
000[01100]
0C
650mA
000[01101]
0D
700mA
000[01110]
0E
750mA
000[01111]
0F
800mA
000[10000]
10
850mA
000[10001]
11
900mA
000[10010]
12
950mA
TERMINATION AND RESTART
The termination and restart voltage levels are determined by the data in the VTERM[1:0] and PROG_VSTRT[1:0]
bits in the control register. The restart voltage is programmed relative to the selected termination voltage.
The Termination voltages available are 4.1V, 4.2V (default), 4.3V, and 4.4V.
The Restart voltages are determined relative to the termination voltage level and may be set to 50mV, 100mV,
150mV (default), and 200mV below the set termination voltage level.
22
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com