Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2989IMM-3.3/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP2989IMM-3.3/NOPB
Description  Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2989IMM-3.3/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP2989IMM-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 14Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 15Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 16Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 17Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 18Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
LP2989
www.ti.com
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
Feature Description (continued)
7.3.4 Short Circuit Protection (Current Limit)
The internal current limit circuit is used to protect the LDO against high-load current faults or shorting events. The
LDO is not designed to operate in a steady-state current limit. During a current-limit event, the LDO sources
constant current. Therefore, the output voltage falls when load impedance decreases. Note also that if a current
limit occurs and the resulting output voltage is low, excessive power may be dissipated across the LDO, resulting
in a thermal shutdown of the output. A foldback feature limits the short-circuit current to protect the regulator from
damage under all load conditions. If OUT is forced below 0 V before EN goes high and the load current required
exceeds the foldback current limit, the device may not start correctly.
7.3.5 Thermal Protection
The device contains a thermal shutdown protection circuit to turn off the output current when excessive heat is
dissipated in the LDO. The thermal time-constant of the semiconductor die is fairly short, and thus the output
cycles on and off at a high rate when thermal shutdown is reached until the power dissipation is reduced. The
internal protection circuitry of the device is designed to protect against thermal overload conditions. The circuitry
is not intended to replace proper heat sinking. Continuously running the device into thermal shutdown degrades
its reliability.
7.4 Device Functional Modes
7.4.1 Operation With 16 V
≥ VIN > VOUT(TARGET) + 1 V
The device operates if the input voltage is equal to, or exceeds VOUT(TARGET) + 1 V. At input voltages below the
minimum VIN requirement, the devices does not operate correctly, and output voltage may not reach target value.
7.4.2 Operation with Shutdown Control
If the voltage on the SHUTDOWN pin is less than 0.18 V, the output is ensured to be OFF. When the voltage on
the SHUTDOWN pin is more than 1.6 V the output is ensured to be ON. Operating with the SHUTDOWN pin
voltage between 0.18 V and 1.6 V is strongly discouraged as the status of the output is not ensured.
7.4.3 Shutdown Input Operation
The LP2989 is shut off by driving the SHUTDOWN pin low, and turned on by pulling it high. If this feature is not
to be used, the SHUTDOWN should be tied to VIN to keep the regulator output on at all times.
To assure proper operation, the signal source used to drive the Shutdown input must be able to swing above and
below the specified turn-on/turn-off voltage thresholds listed in the Electrical Characteristics section under VSD.
To prevent mis-operation, the turn-on (and turn-off) voltage signals applied to the Shutdown input must have a
slew rate which is
≥ 40 mV/µs.
CAUTION
The regulator output voltage cannot be ensured if a slow-moving AC (or DC) signal is
applied that is in the range between the specified turn-on and turn-off voltages listed
under the electrical specification VSD (see the Electrical Characteristics table).
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP2989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com